Electronic Components Datasheet Search
  English  ▼

X  

MP2631 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2631
Description  28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2631 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2631 Datasheet HTML 1Page - Monolithic Power Systems MP2631 Datasheet HTML 2Page - Monolithic Power Systems MP2631 Datasheet HTML 3Page - Monolithic Power Systems MP2631 Datasheet HTML 4Page - Monolithic Power Systems MP2631 Datasheet HTML 5Page - Monolithic Power Systems MP2631 Datasheet HTML 6Page - Monolithic Power Systems MP2631 Datasheet HTML 7Page - Monolithic Power Systems MP2631 Datasheet HTML 8Page - Monolithic Power Systems MP2631 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP2631–28V, 1A LINEAR LI-ION BATTERY CHARGER WITH 10MA HIGH VOLTAGE LDO
MP2631 Rev.0.9
www.MonolithicPower.com
3
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.2V, VEN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
UVLO Hysteresis
150
mV
SHDN Trip Threshold High
1.5
V
SHDN Trip Threshold Low
0.4
V
CHG
, ACOK Sink Current
Pin Voltage = 0.2V
4
mA
Battery Reverse Current to
BATT Pin
SHDN = Low and Input = Floating
or 0V
1
µA
Soft Thermal Shutdown
Threshold
Tlim
105
120
135
°C
Soft Thermal Shutdown
Hysteresis
10
°C
Soft-Start Time
From trickle to 90% of full current,
(Css absent)
300
us
Recharge Voltage
Threshold
VRECHARGE
VBATT falling from 4.2V
3.9
4.0
4.1
V
Recharge Voltage
Hysteresis
100
mV
Notes:
4) ICHG is the target preprogrammed charge current (Die temperature below 110°C).
5) IBF is the target preprogrammed battery full current threshold.
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Input Supply Pin. IN receives the AC adapter or USB supply voltage.
2
SS/NC
Soft Start Pin. If it is left open, internal fixed SS is operated and the charger will not
charge a battery when its initial voltage is higher than the recharge threshold (4.0V).
3
ACOK
Open-Drain Input Fault Indicator. This pin is low when 2.1V < Vin < 7.0V
4
CHG
Open-Drain Charge Indicator. This pin is low during charging, is High after battery full
or termination.
5
GND
Exposed Pad
Ground. Exposed pad and GND pin must be connected to same ground plane
6
SHDN
Used for Charger Termination. An input “Low” signal at this pin or if the pin floating will
enable the charger.
7
NC
No Connection
8
ISET
Constant Charge Current Program pin. Connect this pin to an external resistor to
program the charging current in CC Mode.
9
BATT
Charger Output
10
LDO
LDO output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com