Electronic Components Datasheet Search
  English  ▼

X  

MP2631 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2631
Description  28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2631 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2631 Datasheet HTML 1Page - Monolithic Power Systems MP2631 Datasheet HTML 2Page - Monolithic Power Systems MP2631 Datasheet HTML 3Page - Monolithic Power Systems MP2631 Datasheet HTML 4Page - Monolithic Power Systems MP2631 Datasheet HTML 5Page - Monolithic Power Systems MP2631 Datasheet HTML 6Page - Monolithic Power Systems MP2631 Datasheet HTML 7Page - Monolithic Power Systems MP2631 Datasheet HTML 8Page - Monolithic Power Systems MP2631 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP2631
28V, 1A, Li-lon, Linear Battery Charger
with 10mA High Voltage LDO
MP2631 Rev.0.9
www.MonolithicPower.com
1
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2631 is a linear, high performance
single cell Li-Ion or Li-Polymer battery charger
with 10mA LDO. By integrating high voltage
input protection into the charger IC, the
MP2631 can tolerate an input surge up to 28V.
The internal 5V LDO can be used as a system
watchdog supply to monitor charge status. The
LDO is ON when the input voltage is greater
than 3V and less than 7V, and remains ON
when the MP2631 is in SHDN mode. When
input is higher than 7.0V, the LDO output will be
cut off from the input. When input is lower than
5V, the LDO will work in the dropout region.
The device features constant current (CC) and
constant voltage (CV) charging modes with
programmable charge current (200mA to 1A),
auto-recharge and trickle charge.
MP2631
provides ACOK and charge status indications to
the system. The OVP circuitry will automatically
disconnect both charger and LDO from input
when VIN exceeds 7V.
For guaranteed safe operation, the MP2631
limits the die temperature to a preset value
when the device is heated up due to limited
PCB space. MP2631 is available in 10-pin 3mm
x 3mm QFN package.
FEATURES
• Complete Solution for Charging Single-Cell
Li-Ion Battery
• Input Surge Protection Up to 28V
• 5V LDO output
• 3V to 7V Input Operating Range
• Programmable Charge Current: 200mA to 1A
• Termination and auto-recharge
• 0.75% VBATT Accuracy over Temperature
• <1µA Battery Reverse Current
• Automatic die temperature limiting
• Fault and Charge Status Indicators
•
External Soft-Start to Control Inrush Current
• 3mm x 3mm QFN Package
APPLICATIONS
• Cell Phones
• Digital Cameras
• Smart Phones
• PDAs
• MP3 Players
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION CIRCUIT
IN
SS
ACK
CHG
SHDN
LDO
BAT
ISET
NC
GND
MP2631DQ
LED1
Green
R1
1K
LED2
Red
5-6.5V
C1
35V
C6
C5
NS
C3
NS
R2
1K
R3
1.96K
2
3
4
6
1
10
9
8
7
5
VIN
LDO
BAT
GND
GND
ACOK
CHG
SHDN
U1
1%
4
R
3.09K
1%
5
R
7.68K
1%
JP1
JP2
JP3


Similar Part No. - MP2631

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2632B MPS-MP2632B Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
MP2632BGR MPS-MP2632BGR Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
MP2632GR MPS-MP2632GR Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
More results

Similar Description - MP2631

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
28V, 1A Li Linear Battery Charger with Timer and LDO Mode
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
1A Standalone Linear Li-lon Battery Charger
logo
TECHCODE SEMICONDUCTOR,...
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD9057 SHOUDING-SD9057 Datasheet
1Mb / 10P
Linear Li-Lon Battery Charger High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com