Electronic Components Datasheet Search
  English  ▼

X  

MP2631 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2631
Description  28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2631 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP2631 Datasheet HTML 1Page - Monolithic Power Systems MP2631 Datasheet HTML 2Page - Monolithic Power Systems MP2631 Datasheet HTML 3Page - Monolithic Power Systems MP2631 Datasheet HTML 4Page - Monolithic Power Systems MP2631 Datasheet HTML 5Page - Monolithic Power Systems MP2631 Datasheet HTML 6Page - Monolithic Power Systems MP2631 Datasheet HTML 7Page - Monolithic Power Systems MP2631 Datasheet HTML 8Page - Monolithic Power Systems MP2631 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP2631–28V, 1A LINEAR LI-ION BATTERY CHARGER WITH 10MA HIGH VOLTAGE LDO
MP2631 Rev.0.9
www.MonolithicPower.com
6
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=4.7uF, C2=0.1uF, C4=2.2uF, VIN=5V, TA=25ºC, unless otherwise noted.
VIN
5V/div.
VSHDN
5V/div.
VBAT
5V/div.
ICHG
0.5A/div.
VIN
5V/div.
VCHG
5V/div.
VBAT
5V/div.
ICHG
0.2A/div.
VIN
5V/div.
VCHG
5V/div.
VBAT
5V/div.
ICHG
0.2A/div.
VIN
5V/div.
VSHDN
5V/div.
VBAT
5V/div.
ICHG
0.5A/div.
200ms/div.
100ms/div.
Recovery Input Voltage
(LDO)
VIN=6.6V, VO=5V, IO=5mA
VIN
5V/div.
VCHG
5V/div.
VOUT
5V/div.
IIN
10mA/div.
10ms/div.
10ms/div.
Power Ramp Up vs.
Battery Charge
VBAT=4.1V, CSS=0.1uF
Power Ramp Down vs.
Battery Charge
VBAT=4.1V, CSS=0.1uF
VIN
5V/div.
VCHG
5V/div.
VBAT
5V/div.
ICHG
0.5A/div.
10ms/div.
VIN
5V/div.
VCHG
5V/div.
VBAT
5V/div.
ICHG
0.5A/div.
10ms/div.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com