Electronic Components Datasheet Search
  English  ▼

X  

MP2631 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2631
Description  28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2631 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2631 Datasheet HTML 1Page - Monolithic Power Systems MP2631 Datasheet HTML 2Page - Monolithic Power Systems MP2631 Datasheet HTML 3Page - Monolithic Power Systems MP2631 Datasheet HTML 4Page - Monolithic Power Systems MP2631 Datasheet HTML 5Page - Monolithic Power Systems MP2631 Datasheet HTML 6Page - Monolithic Power Systems MP2631 Datasheet HTML 7Page - Monolithic Power Systems MP2631 Datasheet HTML 8Page - Monolithic Power Systems MP2631 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP2631–28V, 1A LINEAR LI-ION BATTERY CHARGER WITH 10MA HIGH VOLTAGE LDO
MP2631 Rev.0.9
www.MonolithicPower.com
5
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=4.7uF, C2=0.1uF, C4=2.2uF, VIN=5V, TA=25ºC, unless otherwise noted.
VBAT vs.
Temperature
Current Charge vs.
Temperature
VIN
5V/div.
VCHG
5V/div.
VBAT
5V/div.
IIN
0.2A/div.
VIN
5V/div.
VCHG
5V/div.
VBAT
5V/div.
IIN
0.2A/div.
VIN
5V/div.
VCHG
5V/div.
VOUT
5V/div.
IIN
10mA/div.
4.2
4.4
4.6
4.8
5.0
5.2
4.5
4.9
5.3
5.7
6.1
6.5
200
400
600
800
1000
1200
1400
1.0 1.5
2.0 2.5
3.0 3.5
4.0
520
530
540
550
560
570
-40
-10
20
50
80
110
3.90
3.94
3.98
4.02
4.06
4.10
-40
-10
20
50
80
110



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com