Electronic Components Datasheet Search
  English  ▼

X  

MP2631 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2631
Description  28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2631 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP2631 Datasheet HTML 1Page - Monolithic Power Systems MP2631 Datasheet HTML 2Page - Monolithic Power Systems MP2631 Datasheet HTML 3Page - Monolithic Power Systems MP2631 Datasheet HTML 4Page - Monolithic Power Systems MP2631 Datasheet HTML 5Page - Monolithic Power Systems MP2631 Datasheet HTML 6Page - Monolithic Power Systems MP2631 Datasheet HTML 7Page - Monolithic Power Systems MP2631 Datasheet HTML 8Page - Monolithic Power Systems MP2631 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP2631–28V, 1A LINEAR LI-ION BATTERY CHARGER WITH 10MA HIGH VOLTAGE LDO
MP2631 Rev.0.9
www.MonolithicPower.com
7
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
BLOCK DIAGRAM
BATTERY
CHARGE
CONTROL
VIN
IN
LDO
ISET
I
RPGM
Battery
SHDN
RS
RS
SS/NC
ACOK
CHG
GND
Figure 1—Functional Block Diagram
OPERATION
Input Voltage Range
The MP2631 has built-in input voltage surge
protection as high as +28V. The charger IC will
be automatically disabled when the input
voltage is lower than 2.1V or higher than 7.0V.
For MP2631, the open-drain pin ACOK is
used to indicate an input power good condition
(i.e. 3.5V<VIN<6.5V). If the input voltage is lower
than the battery voltage, the charge function is
also disabled to prevent the battery from
draining.
Charge Cycle (Mode Change: Trickle->CC-> CV)
Figure 2 below shows the typical charging
profile for the MP2631. It begins charging at the
constant current of the programmed value
(ICHG). This is referred to as Constant Current
(CC) mode. For a deeply discharged battery, it
will start trickle at 10% of the programmed
charge current until battery voltage reaches
2.6V. Once the battery voltage reaches 4.2V,
the charger will operate in the constant voltage
(CV) charge mode. The charge current drops
during CV mode, and the battery full indication
is set when the charge current reduces to the
battery full value (IBF) at 10% of the nominal
charge current.
2.6V
4.2V
VBATT
ICHG
10% of ICHG
IBATT
Charging
Complete
CV
Charging
CC
Charging
Trickle
Charging
Figure 2—MP2631 Typical Charging Profile



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com