Electronic Components Datasheet Search
  English  ▼

X  

MP2631 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2631
Description  28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2631 Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP2631 Datasheet HTML 1Page - Monolithic Power Systems MP2631 Datasheet HTML 2Page - Monolithic Power Systems MP2631 Datasheet HTML 3Page - Monolithic Power Systems MP2631 Datasheet HTML 4Page - Monolithic Power Systems MP2631 Datasheet HTML 5Page - Monolithic Power Systems MP2631 Datasheet HTML 6Page - Monolithic Power Systems MP2631 Datasheet HTML 7Page - Monolithic Power Systems MP2631 Datasheet HTML 8Page - Monolithic Power Systems MP2631 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP2631–28V, 1A LINEAR LI-ION BATTERY CHARGER WITH A 10MA HIGH VOLTAGE LDO
MP2631 Rev.0.9
www.MonolithicPower.com
8
9/15/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
Programming of Charge Current and Battery
Full Current
The charge current (ICHG) is set by a resistor
(RPGM) connecting from the ISET pin to GND. The
relationship of the charge current and the
programming resistance is established by the
following table and graph.
Table 1—RPGM and ICHG Relationship
RPGM (kΩ)
ICHG (mA)
1.55
1000
1.72
900
1.94
800
2.21
700
2.58
600
3.1
500
3.87
400
5.16
300
7.75
200
15.5
100
The open-drain pin CHG is used to indicate
charging status. When the battery full condition is
reached or any other condition prevents the
charger from charging, CHG will become floating
and the charge function is terminated. The
charger will begin recharging when the battery
voltage is reduced to 4.0V due to any kind of
leakage.
LDO Operation
The on-chip current limited LDO will regulate its
output at 5V for the input voltage from 5.1V to
6.5V. When VIN is below 5.1V, it will work in the
dropout mode. LDO is always ON no matter what
state of SHDN is, unless OVP is reached. It can
handle a maximum load of 10mA. A 0.1uF -1uF
cap at the output is recommended.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com