Electronic Components Datasheet Search
  English  ▼

X  

MP2633A Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 13Page - Monolithic Power Systems MP2633A Datasheet HTML 14Page - Monolithic Power Systems MP2633A Datasheet HTML 15Page - Monolithic Power Systems MP2633A Datasheet HTML 16Page - Monolithic Power Systems MP2633A Datasheet HTML 17Page - Monolithic Power Systems MP2633A Datasheet HTML 18Page - Monolithic Power Systems MP2633A Datasheet HTML 19Page - Monolithic Power Systems MP2633A Datasheet HTML 20Page - Monolithic Power Systems MP2633A Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
17
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION FLOW CHART (Continued)
Normal Operation
Power Path Management
IIN hit the IIN_LIMIT?
Charge Current
Decrease
ICHG=0?
SYS Output
Current Increase
No
Yes
No
Yes
VPWIN touch the VREG?
Yes
No
IIN exceeds IIN(OCP)?
No
IN to SYS MOSFET
turns Off
Yes
TINOCBLK reaches?
No
TINRECVR reaches?
Regulate the IIN at
IIN(OCP)
Yes
IIN >7A?
No
No
Yes
Yes
Figure 5: Power-Path Management in Charge Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com