Electronic Components Datasheet Search
  English  ▼

X  

MP2633A Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 22Page - Monolithic Power Systems MP2633A Datasheet HTML 23Page - Monolithic Power Systems MP2633A Datasheet HTML 24Page - Monolithic Power Systems MP2633A Datasheet HTML 25Page - Monolithic Power Systems MP2633A Datasheet HTML 26Page - Monolithic Power Systems MP2633A Datasheet HTML 27Page - Monolithic Power Systems MP2633A Datasheet HTML 28Page - Monolithic Power Systems MP2633A Datasheet HTML 29Page - Monolithic Power Systems MP2633A Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
26
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Phase three (short circuit mode): when VSYS
drops below 2V, the boost converter shuts down
immediately once the inductor current hits the
fold-back peak current limit of the low side N-
MOSFET. The boost converter can also recover
automatically after a 500µs deglitch period.
Thermal Shutdown Protection
Thermal shutdown protection is also active in
boost mode. Once the junction temperature rises
higher than 150°C, the MP2633A enters thermal
shutdown. It will not resume normal operation
until the junction temperature drops below 120°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com