Electronic Components Datasheet Search
  English  ▼

X  

MP2633A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2633A Datasheet HTML 1Page - Monolithic Power Systems MP2633A Datasheet HTML 2Page - Monolithic Power Systems MP2633A Datasheet HTML 3Page - Monolithic Power Systems MP2633A Datasheet HTML 4Page - Monolithic Power Systems MP2633A Datasheet HTML 5Page - Monolithic Power Systems MP2633A Datasheet HTML 6Page - Monolithic Power Systems MP2633A Datasheet HTML 7Page - Monolithic Power Systems MP2633A Datasheet HTML 8Page - Monolithic Power Systems MP2633A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MP2633A
1.5A Single Cell Switch Mode Battery Charger
with Power Path Management and Boost OTG
MP2633A Rev. 1.03
www.MonolithicPower.com
1
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2633A is a highly-integrated, flexible,
switch-mode battery charge management and
system power path management device for a
single-cell Li-ion and Li-Polymer battery used in
a wide range of portable applications.
The MP2633A has two operating modes—
charge mode and boost mode—to allow
management of system and battery power
based on the state of the input.
When input power is present, the device
operates in charge mode. It automatically
detects the battery voltage and charges the
battery in the three phases: trickle current,
constant current and constant voltage. Other
features include charge termination and auto-
recharge. This device also integrates input
current limit in order to manage input power and
meet the priority of the system power demand. .
In the absence of an input source, the
MP2633A switches to boost mode through the
MODE pin to power the SYS pins from the
battery. The OLIM pin programs the output
current limit in boost mode. The MP2633A also
allows an output short-circuit thanks to an
output disconnect feature, and can auto-recover
when the short circuit fault is removed.
The MP2633A provides full operating status
indication to distinguish charge mode from
boost mode.
The
MP2633A
achieves
low
EMI/EMC
performance
with
well-controlled
switching
edges.
To guarantee safe operation, the MP2633A
limits the die temperature to a preset value
120oC. Other safety features include input over-
voltage
protection,
battery
over-voltage
protection,
thermal
shutdown,
battery
temperature monitoring, and a programmable
timer to prevent prolonged charging of a dead
battery.
FEATURES
 4.5V-to-6V Operating Input Voltage Range
 Integrated Input-Current-Based Power
Management Function
 Up to 1.5A Programmable Charge Current
 Trickle-Charge Function
 Selectable 3.6V/ 4.2V Charge Voltage with
0.5% Accuracy
 Negative Temperature Coefficient Pin for
Battery Temperature Monitoring
 Programmable Timer Back-Up Protection
 Thermal Regulation and Thermal Shutdown
 Internal Battery Reverse Leakage Blocking
 Reverse Boost Operation Mode for System
Power
 Up to 91% 5V Boost Mode Efficiency @ 1A
 Programmable Output Current Limit for
Boost Mode
 Integrated Short Circuit Protection for Boost
Mode
APPLICATIONS
 Sub-Battery Applications
 Power-Bank Applications for Smart-Phone,
Tablet and other Portable Device
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2633A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2633GR MPS-MP2633GR Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
More results

Similar Description - MP2633A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
logo
Monolithic Power System...
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Monolithic Power System...
MP2635A MPS-MP2635A Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2636 MPS-MP2636 Datasheet
2Mb / 40P
3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
MP2637 MPS-MP2637 Datasheet
1Mb / 36P
2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
logo
Texas Instruments
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com