Electronic Components Datasheet Search
  English  ▼

X  

MP2633A Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 25Page - Monolithic Power Systems MP2633A Datasheet HTML 26Page - Monolithic Power Systems MP2633A Datasheet HTML 27Page - Monolithic Power Systems MP2633A Datasheet HTML 28Page - Monolithic Power Systems MP2633A Datasheet HTML 29Page - Monolithic Power Systems MP2633A Datasheet HTML 30Page - Monolithic Power Systems MP2633A Datasheet HTML 31Page - Monolithic Power Systems MP2633A Datasheet HTML 32Page - Monolithic Power Systems MP2633A Datasheet HTML 33Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
29
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Where VIN, VBATT, and fS are the typical input
voltage, the CC charge threshold, and the
switching frequency, respectively.
∆IL_MAX is
the maximum inductor ripple current, which is
usually designed at 30% of the CC charge
current.
With a typical 5V input voltage, 30% inductor
current ripple at the corner point between
trickle charge and CC charge (VBATT=3V), the
inductance is 1.85μH (for a 1.2MHz switching
frequency), and 3.7µH (for a 600kHz
switching frequency).
2. Boost Mode
When the MP2633A is in boost mode (as a
boost converter), the required inductance
value is calculated as:
MAX
_
L
S
SYS
BATT
SYS
BATT
I
f
V
)
V
V
(
V
L
(22)
)
MAX
(
BATT
MAX
_
L
I
%)
40
%
30
(
I
(23)
BATT
SYS
SYS
)
MAX
(
BATT
V
I
V
I
(24)
Where VBATT is the minimum battery voltage,
fSW is the switching frequency, and ∆IL_MAX is
the peak-to-peak inductor ripple current,
which is approximately 30% of the maximum
battery current, IBATT(MAX). ISYS(MAX) is the
system current and η is the efficiency.
In the worst case where the battery voltage is
3V, a 30% inductor current ripple, and a
typical
system
voltage
(VSYS=5V),
the
inductance is 1.8μH (for a 1.2MHz switching
frequency) and 3.6µH (for a 600kHz switching
frequency) when the efficiency is 90%.
For best results, use an inductor with an
inductance of 1.8μH (for a 1.2MHz switching
frequency) and 3.6µH (for a 600kHz switching
frequency) with a DC current rating that is at
least 30% higher than the maximum charge
current for applications. For higher efficiency,
minimize the inductor’s DC resistance.
Selecting the Input Capacitor, CIN
The input capacitor CIN reduces both the surge
current drawn from the input and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
high-frequency-switching current from passing to
the input. For best results, use ceramic
capacitors with X5R or X7R dielectrics because
of their low ESR and small temperature
coefficients. For most applications, a 22µF
capacitor will suffice.
Selecting the System Capacitor, CSYS
Select CSYS based on the demand of the system
current ripple.
1. Charge Mode
The capacitor CSYS acts as the input capacitor
of the buck converter in charge mode. The
input current ripple is:
MAX
_
IN
TC
MAX
_
IN
TC
MAX
_
SYS
MAX
_
RMS
V
)
V
V
(
V
I
I
(25)
2.
Boost Mode
The capacitor, CSYS, is the output capacitor of
boost converter. CSYS keeps the system
voltage ripple small and ensures feedback
loop stability. The system current ripple is
given by:
MAX
_
SYS
TC
MAX
_
SYS
TC
MAX
_
SYS
MAX
_
RMS
V
)
V
V
(
V
I
I
(26)
Since the input voltage passes to the system
directly, VIN_MAX=VSYS_MAX, both charge mode and
boost mode have the same system current ripple.
For
ICC_MAX=2A,
VTC=3V,
VIN_MAX=6V,
the
maximum ripple current is 1A. Select the system
capacitors base on the ripple-current temperature
rise not exceeding 10°C. For best results, use
ceramic capacitors with X5R or X7R dielectrics
with low ESR and small temperature coefficients.
For most applications, use a 22µF capacitor.
Selecting the Battery Capacitor, CBATT
CBATT is in parallel with the battery to absorb the
high-frequency switching ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com