Electronic Components Datasheet Search
  English  ▼

X  

MP2633A Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 23Page - Monolithic Power Systems MP2633A Datasheet HTML 24Page - Monolithic Power Systems MP2633A Datasheet HTML 25Page - Monolithic Power Systems MP2633A Datasheet HTML 26Page - Monolithic Power Systems MP2633A Datasheet HTML 27Page - Monolithic Power Systems MP2633A Datasheet HTML 28Page - Monolithic Power Systems MP2633A Datasheet HTML 29Page - Monolithic Power Systems MP2633A Datasheet HTML 30Page - Monolithic Power Systems MP2633A Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
27
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Charge Current in Charge Mode
In charge mode, both the external sense resistor,
RS1, and the resistor RISET connect to the ISET
pin to set the charge current (ICHG) of the
MP2633A (see the Typical Application circuit).
Given ICHG and RS1, the regulation threshold,
VIREF, across this resistor is:
)
A
(
I
)
m
(
1
RS
)
mV
(
V
CHG
IREF
(6)
RISET sets VIREF as per the following equation:
)
mV
(
40
)
k
(
R
)
k
(
70
)
mV
(
V
ISET
IREF
(7)
So, the RISET can be calculated as:
)
mV
(
40
)
mV
(
V
)
k
(
70
)
k
(
R
IREF
ISET
(8)
For example, for ICHG=1.5A and RS1=50mΩ:
VIREF=75mV, so RISET=37.4kΩ.
Setting the Input Current Limiting in Charge
Mode
In charge mode, connect a resistor from the ILIM
pin to AGND to program the input current limit.
The relationship between the input current limit
and setting resistor is:
)
k
(
)
A
(
I
5
.
40
R
LIM
_
IN
ILIM
(9)
Where RILIM must exceed 20kΩ so that IIN_LIM is in
the range of 0A to 2A.
For most applications, use RILIM = 45kΩ
(IUSB_LIM=900mA) for USB3.0, and use an RLIM =
81kΩ (IUSB_LIM=500mA) for USB2.0.
Setting the Input Voltage Range for Different
Operation Modes
A resistive voltage divider from the input voltage
to PWIN pin determines the operating mode of
MP2633A.
)
V
(
6
R
4
R
6
R
V
V
IN
PWIN
(10)
If the voltage on PWIN is between 0.8V and
1.15V, the MP2633A works in the charge mode.
While the voltage on the PWIN pin is not in the
range of 0.8V to 1.15V and VIN > 2V, the
MP2633A works in the boost mode (see Table 1).
For a wide operating range, use a maximum
input voltage of 6V as the upper threshold for a
voltage ratio of:
6
R
4
R
6
R
6
15
.
1
V
V
IN
PWIN
(11)
With the given R6, R4 is then:
6
R
V
V
V
4
R
PWIN
PWIN
IN
(12)
Consider these resistors as the dummy load at
the input port. Use resistors in the hundreds of
ohms range to shorten the power-off time. For a
typical application, start with R6=51Ω, R4 is
215Ω.
REG Voltage Setting
REG pin is the feedback input of the input
voltage. Connect this pin to external resistor
divider from VIN to GND. The voltage on this pin
should be always higher than 1.2V when normal
operation.
REG
IN_MIN
R5
VV
1.2V
R3 R5

(13)
Consider these resistors as the dummy load at
the input port. Use resistors in the hundreds of
ohms range to shorten the power-off time. If
VIN_MIN=4.25V, given R5=51Ω, R3=127Ω.
NTC Function in Charge Mode
Figure 12 shows that an internal resistor divider
sets the low temperature threshold (VTL) and high
temperature threshold (VTH) at 65%·VSYS and
35%·VSYS, respectively. For a given NTC
thermistor, select an appropriate RT1 and RT2 to
set the NTC window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com