Electronic Components Datasheet Search
  English  ▼

X  

MP2633A Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2633A
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633A Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2633A Datasheet HTML 21Page - Monolithic Power Systems MP2633A Datasheet HTML 22Page - Monolithic Power Systems MP2633A Datasheet HTML 23Page - Monolithic Power Systems MP2633A Datasheet HTML 24Page - Monolithic Power Systems MP2633A Datasheet HTML 25Page - Monolithic Power Systems MP2633A Datasheet HTML 26Page - Monolithic Power Systems MP2633A Datasheet HTML 27Page - Monolithic Power Systems MP2633A Datasheet HTML 28Page - Monolithic Power Systems MP2633A Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
MP2633A – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633A Rev. 1.03
www.MonolithicPower.com
25
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 2: Indicator for Each Operation Mode
Operation
ACOK
----------------
CHG
------------
BOOST
-------------------
Charge Mode
Charging
Low
Low
High
End of Charge, charging disabled
High
NTC Fault, Timer Out
Blinking
Boost Mode
High
High
Low
Sleep Mode, VCC absent
High
High
High
BOOST MODE OPERATION
Low-Voltage Start-Up
The minimum battery voltage required to start up
the circuit in boost mode is 2.9V. Initially, when
VSYS < VBATT, the MP2633A works in down mode.
In this mode, the synchronous P-MOSFET stops
switching and its gate connects to VBATT statically.
The P_MOSFET keeps off as long as the voltage
across the parasitic CDS (VSW) is lower than VBATT.
When the voltage across CDS exceeds VBATT, the
synchronous P-MOSFET enters a linear mode
allowing the inductor current to decrease and
flowing into the SYS pin. Once VSYS exceeds
VBATT, the P-MOSFET gate is released and
normal closed-loop PWM operation is initiated. In
boost mode, the battery voltage can drop to as
low as 2.5V without affecting circuit operation.
SYS Disconnect and Inrush Limiting
The MP2633A allows for true output disconnect
by eliminating body diode conduction of the
internal P-MOSFET rectifier. VSYS can go to 0V
during shutdown, drawing no current from the
input source. It also allows for inrush current
limiting at start-up, minimizing surge currents
from the input supply. To optimize the benefits of
output disconnect, avoid connecting an external
Schottky diode between the SW and SYS pins.
Board layout is extremely critical to minimize
voltage overshoot at the SW pin due to stray
inductance. Keep the output filter capacitor as
close as possible to the SYS pin and use very
low ESR/ESL ceramic capacitors tied to a good
ground plane.
Boost Output Voltage
The MP2633A programs the output voltage via
the external resistor divider at FB pin, and
provides built-in output over-voltage protection
(OVP)
to
protect
the
device
and
other
components against damage when VSYS goes
beyond 6V. Should output over-voltage occur,
the MP2633A turns off the boost converter. Once
VSYS drops to a normal level, the boost converter
restarts again as long as the MODE pin remains
in active status.
Boost Output-Current Limiting
The MP2633A integrates a programmable output
current limit function in boost mode. If the boost
output current exceeds this programmable limit
threshold, the output current will be limited at this
level and the SYS voltage will start to drop down.
The OLIM pin programs the current limit
threshold up to 1A as per the following equation:
OLIM
OLIM
70(kΩ)40(mV)
I(A)=
R(kΩ)RS1(mΩ)
(5)
Where the 40mV is the charge current limiting
reference.
SYS Output Over Current Protection
The MP2633A integrates three-phase output
over-current protection.
Phase one (boost mode): when the output
current exceeds the output current limit, the
output constant current loop controls the output
current, the output current remains at its limit of
IOLIM, and VSYS decreases.
Phase two (down mode): when VSYS drops below
VBATT+100mV and the output current loop
remains in control, the boost converter enters
down mode and shutdown after a 120μs blanking
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com