Electronic Components Datasheet Search
  English  ▼

X  

MP2678 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2678
Description  Li-Ion Battery Charger Protection Circuit With LDO Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2678 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2678 Datasheet HTML 1Page - Monolithic Power Systems MP2678 Datasheet HTML 2Page - Monolithic Power Systems MP2678 Datasheet HTML 3Page - Monolithic Power Systems MP2678 Datasheet HTML 4Page - Monolithic Power Systems MP2678 Datasheet HTML 5Page - Monolithic Power Systems MP2678 Datasheet HTML 6Page - Monolithic Power Systems MP2678 Datasheet HTML 7Page - Monolithic Power Systems MP2678 Datasheet HTML 8Page - Monolithic Power Systems MP2678 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2678 – LI+ BATTERY CHARGER PROTECTION CIRCUIT WITH LDO MODE
MP2678 Rev. 1.0
www.MonolithicPower.com
4
1/6/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN8
Pin #
Name
Description
1
VIN
Input Power Source. VIN can withstand 30V input.
2
GND
Exposed Pad
System Ground.
Connect exposed pad to GND plane for optimal thermal performance.
3, 7
NC
No Connect. Keep it float.
4
FLT
Open-Drain Logic Output. This pin turns LOW when any protection event occurs.
5
CE
Active-low enable pin.
Pull CE pin below 0.4V to enable the IC. Drive CE pin higher than 1.5V to disable the
IC
6
VB
Battery Voltage Monitoring Input. Connect this pin to the battery pack positive terminal
via an isolation resistor.
8
OUT
Output pin. It is the input pin of the protected charger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com