Electronic Components Datasheet Search
  English  ▼

X  

MP2678 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2678
Description  Li-Ion Battery Charger Protection Circuit With LDO Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2678 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2678 Datasheet HTML 1Page - Monolithic Power Systems MP2678 Datasheet HTML 2Page - Monolithic Power Systems MP2678 Datasheet HTML 3Page - Monolithic Power Systems MP2678 Datasheet HTML 4Page - Monolithic Power Systems MP2678 Datasheet HTML 5Page - Monolithic Power Systems MP2678 Datasheet HTML 6Page - Monolithic Power Systems MP2678 Datasheet HTML 7Page - Monolithic Power Systems MP2678 Datasheet HTML 8Page - Monolithic Power Systems MP2678 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2678 – LI+ BATTERY CHARGER PROTECTION CIRCUIT WITH LDO MODE
MP2678 Rev. 1.0
www.MonolithicPower.com
5
1/6/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=6V, VBAT=GND, RVB=10kΩ, RFLT=6.04kΩ, CIN=1µF, COUT=1µF, TA=25
OC, unless otherwise noted.
Breakdown Voltage
ACIN to OUT On
Resistance vs. IOUT
Load Regulation
Line Regulation
No Load
Supply Current vs.VIN
0
200
400
600
800
012345 6789 10
INPUT VOLTAGE(V)
0
4
8
12
16
10 14
18 22
26 30
34 38
INPUT VOLTAGE(V)
150
175
200
225
250
0.2
0.4
0.6
0.8
1.0
1.2
OUTPUT CURRENT(A)
4.80
4.85
4.90
4.95
5.00
5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0
INPUT VOLTAGE(V)
4.60
4.70
4.80
4.90
5.00
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
OUTPUT CURRENT(A)
VIN
2V/div.
VBAT
5V/div.
VOUT
2V/div.
IOUT
500mA/div.
VIN
2V/div.
VBAT
5V/div.
VOUT
2V/div.
IOUT
500mA/div.
VEN
2V/div.
VBAT
500mV/div.
VOUT
2V/div.
IOUT
500mA/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com