Electronic Components Datasheet Search
  English  ▼

X  

MP2678 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2678
Description  Li-Ion Battery Charger Protection Circuit With LDO Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2678 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2678 Datasheet HTML 2Page - Monolithic Power Systems MP2678 Datasheet HTML 3Page - Monolithic Power Systems MP2678 Datasheet HTML 4Page - Monolithic Power Systems MP2678 Datasheet HTML 5Page - Monolithic Power Systems MP2678 Datasheet HTML 6Page - Monolithic Power Systems MP2678 Datasheet HTML 7Page - Monolithic Power Systems MP2678 Datasheet HTML 8Page - Monolithic Power Systems MP2678 Datasheet HTML 9Page - Monolithic Power Systems MP2678 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP2678 – LI+ BATTERY CHARGER PROTECTION CIRCUIT WITH LDO MODE
MP2678 Rev. 1.0
www.MonolithicPower.com
6
1/6/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=6V, VBAT=GND, RVB=10kΩ, RFLT=6.04kΩ, CIN=1µF, COUT=1µF, TA=25
OC, unless otherwise noted.
OCP
Increase IOUT to OCP point
after input start up
VEN
2V/div.
VBAT
500mV/div.
VOUT
2V/div.
IOUT
500mA/div.
VIN
10V/div.
VOUT
5V/div.
VFLT
5V/div.
IOUT
500mA/div.
VIN
5V/div.
VOUT
5V/div.
VFLT
5V/div.
IOUT
500mA/div.
VIN
2V/div.
VBAT
2V/div.
VFLT
5V/div.
VOUT
5V/div.
VIN
1V/div.
VBAT
50mV/div.
IOUT
500mA/div.
VOUT
2V/div.
VIN
10V/div.
VOUT
5V/div.
VFLT
5V/div.
IOUT
500mA/div.
VIN
2V/div.
VOUT
5V/div.
VFLT
5V/div.
IOUT
2A/div.
VIN
2V/div.
VOUT
5V/div.
VFLT
5V/div.
IOUT
2A/div.
VIN
2V/div.
VOUT
5V/div.
VFLT
5V/div.
IOUT
500mA/div.
SCP
Short the OUT to GND
SCP Recovery
Remove the short wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com