Electronic Components Datasheet Search
  English  ▼

X  

MP2678 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2678
Description  Li-Ion Battery Charger Protection Circuit With LDO Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2678 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2678 Datasheet HTML 1Page - Monolithic Power Systems MP2678 Datasheet HTML 2Page - Monolithic Power Systems MP2678 Datasheet HTML 3Page - Monolithic Power Systems MP2678 Datasheet HTML 4Page - Monolithic Power Systems MP2678 Datasheet HTML 5Page - Monolithic Power Systems MP2678 Datasheet HTML 6Page - Monolithic Power Systems MP2678 Datasheet HTML 7Page - Monolithic Power Systems MP2678 Datasheet HTML 8Page - Monolithic Power Systems MP2678 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2678
Li-Ion Battery Charger
Protection Circuit With LDO Mode
MP2678 Rev. 1.0
www.MonolithicPower.com
1
1/6/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2678 is a high performance single cell
Li-Ion/Li-Polymer battery charger protection IC.
By integrating the high voltage input protection,
the MP2678 can tolerate an input surge up to
+30V.
The device operates like a linear regulator,
maintaining a 5V output with the input voltage
up to the over voltage protection threshold.
MP2678 features input over voltage protection
(OVP), battery over voltage protection (BOVP)
and over charge current protection (OCP).
When any fault condition happens, the IC will
immediately turn off the internal N-MOSFET to
disconnect the charging circuit from the input.
The device also provides fault indications to the
system when any of the protection events
happens.
For guaranteed safe operation, the MP2678
monitors its own internal temperature and turns
off the internal N-MOSFET bridging IN and
OUT when the die temperature exceeds 140oC.
The MP2678 is available in an 8-pin 2mm x
2mm QFN package.
FEATURES
• Input Surge up to 30V
• Input Over Voltage Protection
• Proprietary Battery Over-Voltage Protection
• Output Short-Circuit Protection
• Soft-Stop to Prevent Voltage Spikes
• Support up to 1.7A Load Current
• Thermal Monitoring and Protection
• Enable Function
• Fault Indication
• 2 mm×2mm QFN Package
APPLICATIONS
• Cell Phones
• Smart Phones
• PDAs
• MP3 Players
• Low-Power Handheld Devices
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION CIRCUIT
VIN
3.3V~VOVP
VIN
RFLT
VIN
MP2678
CE
GND
FLT
VB
OUT
On Off
COUT
RVB
Battery
Pack
LINEAR
BATTERY
CHARGER


Similar Part No. - MP2678

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2670 MPS-MP2670 Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2670DQ MPS-MP2670DQ Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2671 MPS-MP2671 Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2671DL MPS-MP2671DL Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2674 MPS-MP2674 Datasheet
353Kb / 11P
Li-Ion Battery Charger Protection Circuit
More results

Similar Description - MP2678

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Monolithic Power System...
MP2670 MPS-MP2670 Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2671 MPS-MP2671 Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2674 MPS-MP2674 Datasheet
353Kb / 11P
Li-Ion Battery Charger Protection Circuit
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
Li-ion and LiPo battery charger with LDO
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com