Electronic Components Datasheet Search
  English  ▼

X  

MP2678 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2678
Description  Li-Ion Battery Charger Protection Circuit With LDO Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2678 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2678 Datasheet HTML 3Page - Monolithic Power Systems MP2678 Datasheet HTML 4Page - Monolithic Power Systems MP2678 Datasheet HTML 5Page - Monolithic Power Systems MP2678 Datasheet HTML 6Page - Monolithic Power Systems MP2678 Datasheet HTML 7Page - Monolithic Power Systems MP2678 Datasheet HTML 8Page - Monolithic Power Systems MP2678 Datasheet HTML 9Page - Monolithic Power Systems MP2678 Datasheet HTML 10Page - Monolithic Power Systems MP2678 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2678 – LI+ BATTERY CHARGER PROTECTION CIRCUIT WITH LDO MODE
MP2678 Rev. 1.0
www.MonolithicPower.com
10
1/6/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
For safe and effective charging, some strict
requirements have to be satisfied during
charging Li-Ion batteries such as high precise
power source for charging (4.2V±50mV) the
accuracy should be higher than 1%. For highly
used capacity, the voltage of the battery should
be charged to the value (4.2V) as possible as
could. Otherwise, the performance and the life
of the battery suffers overcharge. Additionally,
the pre-charge for depleted batteries, charging
voltage, charging current, as well as the
temperature detection and protection, are
required for linear battery chargers. The output
of most MPS linear chargers has a typical I-V
curve and provides overcharge, input over
voltage, over temperature protection. The
function of the MP2678 is to add a redundant
protection layer such that, under any fault
condition, the charging system output does not
exceed the I-V limits that the battery required.
Additionally, MP2678 provides full protection for
these chargers whose protection function is not
so complete especially those without input
surge voltage sustain. MP2678 guarantees the
safety of the charge system with its perfect 4
protection functions: OVP, BOVP, OCP and
OTP.
An internal N-MOSFET is used for regulating
the output voltage to be constant at 5V with
input voltage up to the over voltage protection
threshold.
The MP2678 is a simple device that requires
few external components, in addition to the
linear charger circuit as shown in the Typical
Application Circuit. The selection of MP2678’s
external components is shown as follow.
CIN and COUT Selection
The input capacitor (CIN) is used for decoupling.
Higher value of CIN reduces the voltage drop or
the over shoot during transients. The AC
adapter is inserted live (hot insertion) and
sudden step down of the current may cause the
input voltage overshoot. During an input OVP,
the N-MOSFET is turned off in less than 1µs
and can lead to significant over shoot. Higher
capacitance of CIN reduces this type of over
shoot. However, the over shoot caused by a hot
insertion is not very dependent on the
decoupling capacitance value. Usually, the
input decoupling capacitor is recommended to
use a dielectric ceramic capacitor with a value
between 1µF to 4.7µF.
The output of the MP2678 and the input of the
charging circuit typically share one decoupling
capacitor COUT. The selection of that capacitor
is mainly determined by the requirement of the
charging circuit. When using the MP2602 family
chargers, a 1µF to 4.7uF ceramic capacitor is
recommended.
RVB Selection
RVB limits the current from the VB pin to the
battery terminal in case the MP2678 fails. The
recommended value is between 200kΩ to 1MΩ.
With 200kΩ resistance, during the failure
operation, assuming the VB pin voltage is 30V
and the battery voltage is 4.2V. The worst case
the current flowing from the VB pin to the
charger output is,
(30V - 4.2V)/200kΩ = 130µA,
Such small current can be easily absorbed by
the
bias
current
of
other
components.
Increasing the RVB value reduces the worst
case current, but at the same time increases
the error for the 4.35V battery OVP threshold.
As the typical VB pin leakage current is 20nA,
the error of the battery OVP threshold can be
calculated as 4.35V+20nAxRVB. With the 200kΩ
resistor, the worst-case additional error is 4mV
and with a 1MΩ resistor, the worst-case
additional error is 20mV.
RFLT Selection
The pull-up resistor RFLT limits the sink current
from the VIN pin to the FLT pin when any
protection event happens and the FLT .pin is
pulled low. The maximum sink current must not
beyond 5mA when the worse case happens.
That means the input voltage is 30V. So the
RFLT value can be calculated like this:
RFLT>30V/5mA=6kΩ
The recommended value is between 6kΩ to
200kΩ. While a LED is used to indicate the
status, in order to drive the LED, a smaller
resistor should be selected such as 6.04kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com