Electronic Components Datasheet Search
  English  ▼

X  

AC104Z Datasheet(PDF) 39 Page - Broadcom Corporation.

Part # AC104Z
Description  Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104Z Datasheet(HTML) 39 Page - Broadcom Corporation.

Back Button AC104Z Datasheet HTML 35Page - Broadcom Corporation. AC104Z Datasheet HTML 36Page - Broadcom Corporation. AC104Z Datasheet HTML 37Page - Broadcom Corporation. AC104Z Datasheet HTML 38Page - Broadcom Corporation. AC104Z Datasheet HTML 39Page - Broadcom Corporation. AC104Z Datasheet HTML 40Page - Broadcom Corporation. AC104Z Datasheet HTML 41Page - Broadcom Corporation. AC104Z Datasheet HTML 42Page - Broadcom Corporation. AC104Z Datasheet HTML 43Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Data Sheet
AC104Z
9/9/02
Br oad c om
Document
AC104Z-DS03-405-R
Registers
Page 29
REGISTER 23: OPERATION MODE
REGISTER 24: CRC FOR RECENT RECEIVED PACKET
Table 27: Operation Mode Register (Register 23)
Bit
Name
Description
Mode
Default
23.15
FEF Enable
1 = Enable FEF function.
FEF function is enabled only when this register and FX_EN
are set.
RW
0
23.14
FX SEL
1 = Set the port to operate in FX mode.
The port is operated in FX mode only when auto-negotiation
is disabled, and speed is set to 100 Mbps.
The FX_MODE sets the default to auto-negotiation disable.
RW
a
a. Refer to Table 29: “Mode Table,” on page 30.
23.13
Reserved
RW
0
23.12
SD Cmsel
1 = Select single ended input for FX SD signal
RW
0
23.11
Scramble Disable
1 = Disable scrambler.
0 = Enable scrambler.
RW
0
23.[10:8]
Reserved
RW
000
23.7
Reserved
RW
0
23.6
Reserved
RW
0
23.[5:0]
Reserved
RO
XXXXXX
23.15
FEF Enable
1 = Enable FEF function.
FEF function is enabled only when this register and FX_EN
are set.
RW
0
Table 28: CRC for Recent Received Packet Register (Register 24)
Bit
Name
Description
Mode
Default
24.[15:0]
CRC 16
For system link testing.
RC
0000(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com