Electronic Components Datasheet Search
  English  ▼

X  

AC104Z Datasheet(PDF) 40 Page - Broadcom Corporation.

Part # AC104Z
Description  Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104Z Datasheet(HTML) 40 Page - Broadcom Corporation.

Back Button AC104Z Datasheet HTML 36Page - Broadcom Corporation. AC104Z Datasheet HTML 37Page - Broadcom Corporation. AC104Z Datasheet HTML 38Page - Broadcom Corporation. AC104Z Datasheet HTML 39Page - Broadcom Corporation. AC104Z Datasheet HTML 40Page - Broadcom Corporation. AC104Z Datasheet HTML 41Page - Broadcom Corporation. AC104Z Datasheet HTML 42Page - Broadcom Corporation. AC104Z Datasheet HTML 43Page - Broadcom Corporation. AC104Z Datasheet HTML 44Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
AC104Z
Data Sheet
9/9/02
Br oad c om
Page 30
Common Registers
Document
AC104Z-DS03-405-R
MODE TABLE
COMMON REGISTERS
COMMON REGISTER 0: OPERATION MODE (MAP TO PHY PORT 0, REGISTER 28)
Table 29: Mode Table
FX_En(n)
Force 100
Scram_En
ANEGA
Condition
1
X
1
1
Port (n) 100Base-FX
0
X
1
1
Port (n) Auto Negotiate 10Base-T or 100Base-TX
0
1
1
0
Port (n) Forced to 100Base-TX
0
0
1
0
Port (n) Forced to 10Base-T
0
1
0
0
Port (n) Forced to 100Base-TX (unscrambled)
Table 30: Common Registers
Register
Description
Default
0
Operation Mode Register (Map to Phy Port 0, Register 28)
00X4
1
Test Mode Register (Map to Phy Port 0, Register 29)
1000
2-7
Reserved
XXXX
8
LEDSPD Settings1 (Map to Phy Port 2, Register 28)
0000
9
LEDSPD Settings 2 (Map to Phy Port 2, Register 29)
0000
10
LEDACT Setting1(Map to Phy Port 2, Register 30)
0002
11
LEDACT Setting 2 (Map to Phy Port 2, Register 31)
0100
12
LEDDPX Setting1(Map to Phy Port 3, Register 28)
0020
13
LEDDPX Setting 2 (Map to Phy Port 3, Register 29)
XXXX
14
LED Blink Rate (Map to Phy Port 3, Register 30)
0010
Table 31: Operation Mode Register (Common Register 0)
Bit
Name
Description
Mode
Default
0.28.[15:7]
Reserved
RO
00000000
0.28.[6:4]
Reserved
RW
XXX
0.28.3
Interrupt Level
0= Interrupt active low.
1= Interrupt active high.
RW
0
0.28.2
Act Select LED
Act Event select.
0 = Receive Activity.
1= TX or RX Activity
RW
1
0.28.1
Reserved
RO
0
0.28.0
Tp125
1 = Select 1:1.25 Transformer.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com