Electronic Components Datasheet Search
  English  ▼

X  

AC104Z Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AC104Z
Description  Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104Z Datasheet(HTML) 1 Page - Broadcom Corporation.

  AC104Z Datasheet HTML 1Page - Broadcom Corporation. AC104Z Datasheet HTML 2Page - Broadcom Corporation. AC104Z Datasheet HTML 3Page - Broadcom Corporation. AC104Z Datasheet HTML 4Page - Broadcom Corporation. AC104Z Datasheet HTML 5Page - Broadcom Corporation. AC104Z Datasheet HTML 6Page - Broadcom Corporation. AC104Z Datasheet HTML 7Page - Broadcom Corporation. AC104Z Datasheet HTML 8Page - Broadcom Corporation. AC104Z Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
DATA SHEET
AC104Z
AC104Z-DS03-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, CA 92619-7013 • Phone: 949-450-8700 • Fax: 949-450-8710
9/9/02
Ultra Low Power 10/100 Quad SMII/RMII Ethernet
Transceiver
Figure 1: Functional Block Diagram
G EN ER AL DE SC RI PTI O N
F EA TU RE S
The AC104Z is a highly integrated, 3.3V, low-power, four-
port, 10BASE-T/100BASE-TX, Ethernet transceiver
implemented in 0.35
µm CMOS technology. Multiple modes
of operation, including normal operation, test mode and
power-saving mode, are available through either hardware
or software control.
Features include MAC interfaces, ENDECs, Scrambler/
Descrambler, and Auto-Negotiation (ANeg) with support
for parallel detection. The transmitter includes a dual-
speed clock synthesizer that only needs one external clock
source. The chip has built-in, wave shaping driver circuit for
both 10 Mbps and 100 Mbps, thereby eliminating the need
for an external hybrid filter. The receiver has an adaptive
equalizer/DC restoration circuit for accurate clock/data
recovery for the 100BASE-TX signal. The receiver also
provides an on-chip low pass filer/Squelch circuit for the
10BASE-T signal.
MAC interfaces support four ports of 10/100 RMII and
SMII. Media interfaces support four ports of 10/100TX/FX.
•
4 ports with RMII MAC interface
•
4 ports with 10/100 TX media interface
•
Full-duplex or half-duplex
•
FEFI on 100FX
•
Very small package
•
128PQFP
•
Very low power – TYP < 280 mW per port
•
Cable detect mode – TYP < 40 mW per port
•
Power Down mode – TYP < 3.3 mW per port
•
Selectable TX drivers for 1:1 or 1.25:1 transformers for
additional power reduction
•
3.3V.35 micron CMOS
•
(S/R) MII SV tolerant
•
Fully compliant with
•
IEEE 802.3 / 802.3u
•
SMII/RMII
•
UNH test labs
•
Baseline wander compensation
•
Multi-function LED outputs
•
Cable length indicator
•
Reverse polarity detection and correction with register bit
indication – automatic or forced
•
8 programmable interrupts
Port 0
Port 1
Port 2
Mux
MII Serial Management
Interface and Registers
PLL Clk Gen.
Test/LED Control
100TX
100RX
10TX
10RX
Auto-
Negotiation
RX
FLP
25
MHs
20
MHs
Control/Status
PHYAD[4:0]
CKIN TEST[3:0] LED Drivers
25
MHs
Port 3
SMII/RMII
RXIP/N-TXOP/N(0)
FXRP/N-FXTP/N(0)
FXRP/N-FXTP/N(1)
RXIP/N-TXOP/N(3)
FXRP/N-FXTP/N(3)
PCS
.Framer
.Carrier Detect
.4B/5B
PMA
.Clock Recov.
.Link Monitor
.Signal Detect
10BASE-T
TP_PMD
.MLT-3
.BLW
.Stream Cipher
MII SMI
RXIP/N-TXOP/N(2)
FXRP/N-FXTP/N(2)
RXIP/N-TXOP/N(1)
XTLP/N


Similar Part No. - AC104Z

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
AC1040 TALEMA-AC1040 Datasheet
61Kb / 1P
40 Amp Current Transformer
logo
List of Unclassifed Man...
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
auris-GmbH
AC1045 AURIS-AC1045 Datasheet
54Kb / 1P
Quartz SMD, Ceramic
AC1045/4 AURIS-AC1045/4 Datasheet
54Kb / 1P
Quartz SMD, Ceramic
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
More results

Similar Description - AC104Z

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C875 AMD-AM79C875 Datasheet
2Mb / 48P
NetPHY??4LP Low Power Quad 10/100-TX/FX Ethernet Transceiver
logo
List of Unclassifed Man...
AC104QF ETC2-AC104QF Datasheet
305Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
AC1040F ETC2-AC1040F Datasheet
327Kb / 37P
Ultra Low Power 10/100 Quad RMII Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN88730 MICROCHIP-LAN88730 Datasheet
918Kb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
logo
Broadcom Corporation.
AC101L BOARDCOM-AC101L Datasheet
668Kb / 54P
Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com