Electronic Components Datasheet Search
  English  ▼

X  

AC104Z Datasheet(PDF) 63 Page - Broadcom Corporation.

Part # AC104Z
Description  Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104Z Datasheet(HTML) 63 Page - Broadcom Corporation.

Back Button AC104Z Datasheet HTML 58Page - Broadcom Corporation. AC104Z Datasheet HTML 59Page - Broadcom Corporation. AC104Z Datasheet HTML 60Page - Broadcom Corporation. AC104Z Datasheet HTML 61Page - Broadcom Corporation. AC104Z Datasheet HTML 62Page - Broadcom Corporation. AC104Z Datasheet HTML 63Page - Broadcom Corporation. AC104Z Datasheet HTML 64Page - Broadcom Corporation. AC104Z Datasheet HTML 65Page - Broadcom Corporation. AC104Z Datasheet HTML 66Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Data Sheet
AC104Z
9/9/02
Br oad c om
Document
AC104Z-DS03-405-R
Thermal Specifications
Page 53
Sec t io n 6: T h e rma l Sp ec ifi c a t io ns
Table 61: Thermal Parameters
Airflow (feet per minute)
0
100
200
400
600
Theta JA (
°C /W)
41
38.7
36.8
35.0
33.7
Theta JC is 19.5
°C /W at max junction temperature of 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com