Electronic Components Datasheet Search
  English  ▼

X  

AC104Z Datasheet(PDF) 17 Page - Broadcom Corporation.

Part # AC104Z
Description  Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104Z Datasheet(HTML) 17 Page - Broadcom Corporation.

Back Button AC104Z Datasheet HTML 13Page - Broadcom Corporation. AC104Z Datasheet HTML 14Page - Broadcom Corporation. AC104Z Datasheet HTML 15Page - Broadcom Corporation. AC104Z Datasheet HTML 16Page - Broadcom Corporation. AC104Z Datasheet HTML 17Page - Broadcom Corporation. AC104Z Datasheet HTML 18Page - Broadcom Corporation. AC104Z Datasheet HTML 19Page - Broadcom Corporation. AC104Z Datasheet HTML 20Page - Broadcom Corporation. AC104Z Datasheet HTML 21Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Data Sheet
AC104Z
9/9/02
Br oad c om
Document
AC104Z-DS03-405-R
Media Interface
Page 7
In 100Base-FX mode, no filtering is performed. The transmit driver uses a current drive output that is well balanced and
produces a low noise PECL signal. PECL voltage levels are produced with resistive terminations.
In 10Base-T mode, high frequency pre-emphasis is performed to extend the cable-driving distance without the external filter.
The FLP and NLP pulses are also driven out through the 10Base-T driver.
The 10Base-T and 100Base-TX transmit signals are multiplexed to the transmit output driver. This arrangement results in
using the same external transformer for both the 10Base-T and the 100Base-TX. The driver output level is set by a built-in
bandgap reference and an external resistor connected to the IBREF pin. The resistor sets the output current for all modes
of operation. The TXOP/N outputs are open drain devices with a serial source to I/O pad resistance of 10
Ω max.
When the 1:1 transformer is used, the current rating is 40 mA for the 2Vp-p MLT-3 signal, and 100 mA for the 5Vp-p
Manchester signal. You can use a 1.25:1 transmit transformer for a 20 percent reduction in output-driver power, which
decreases the drive current to 32 mA for 100Base-TX operation, and 80 mA for 10Base-T operation.
Adaptive Equalizer
The Phy is designed to accommodate a maximum of 150 meters UTP CAT-5 cable. An AT&T 1061 CAT-5 cable of this
length typically has an attenuation of 31 dB at 100 MHz. A typical attenuation of 100-meter cable is 21 dB. The worst case
100m cable attenuation is around 24-26 dB as defined by TP-PMD specification.
The amplitude and phase distortion from the cable causes inter-symbol interference (ISI) which makes clock and data
recovery difficult. The adaptive equalizer is designed to closely match the inverse transfer function of the twisted-pair cable.
The equalizer can change its equalizer frequency response according to the cable length. The equalizer tunes itself
automatically for any cable, compensating for the amplitude and phase distortion introduced by the cable.
PLL Clock Synthesizer
The Phy includes an on-chip PLL clock synthesizer that generates 50 MHz and 125 MHz clocks for the 100Base-TX circuitry.
The PLL clock generator uses a fully differential VCO cell that introduces very low jitter. The Zero Dead Zone Phase
Detection method implemented in the Phy design provides excellent phase tracking. A charge pump with charge sharing
compensation is also included to further reduce jitter at different loop filter voltages. The on-chip loop filter eliminates the
need for external components and minimizes the external noise sensitivity. Only one external 50 MHz (RMII) or 125 MHz
(SMII) crystal or clock source is required as a reference clock.
After power-on or reset, the PLL clock synthesizer generates the 20 MHz clock output until the 100Base-X operation mode
is selected.
Jabber and SQE (Heartbeat)
After the MAC transmitter exceeds the jabber timer (46mS), the transmit and loopback functions are disabled and the COL
signal is asserted. After TX_EN goes low for more than 500 ms, the TP transmitter reactivates and COL gets de-asserted.
Setting Jabber Disable disables the jabber function.
When the SQE test is enabled, a COL pulse with 5-15BT is asserted after each transmitted packet. SQE is enabled in
10Base-T by default, and can be disabled via SQE Test Inhibit.
Reverse Polarity Detection and Correction
Certain cable plants have crossed wiring on the twisted pairs; the reversal of TXIN and TXIP. Under normal circumstances
this causes the receive circuitry to reject all data. When the Auto Polarity Disable bit is cleared, the Phy detects that either



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com