Electronic Components Datasheet Search
  English  ▼

X  

AC104Z Datasheet(PDF) 49 Page - Broadcom Corporation.

Part # AC104Z
Description  Ultra Low Power 10/100 Quad SMII/RMII Ethernet Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC104Z Datasheet(HTML) 49 Page - Broadcom Corporation.

Back Button AC104Z Datasheet HTML 45Page - Broadcom Corporation. AC104Z Datasheet HTML 46Page - Broadcom Corporation. AC104Z Datasheet HTML 47Page - Broadcom Corporation. AC104Z Datasheet HTML 48Page - Broadcom Corporation. AC104Z Datasheet HTML 49Page - Broadcom Corporation. AC104Z Datasheet HTML 50Page - Broadcom Corporation. AC104Z Datasheet HTML 51Page - Broadcom Corporation. AC104Z Datasheet HTML 52Page - Broadcom Corporation. AC104Z Datasheet HTML 53Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Data Sheet
AC104Z
9/9/02
Br oad c om
Document
AC104Z-DS03-405-R
Operating Range
Page 39
TTL I/O CHARACTERISTICS
REFCLK AND XTAL PINS
Table 46: TTL I/O Characteristics Table
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage High
Vih
–
2.0
–
–
V
Input Voltage Low
Vil
–
–
–
0.8
V
Input Current
Ii
–
-10
–
10
mA
Output Voltage High
Voh
–
VCC-
0.4
––
V
Output Voltage Low
Vol
–
–
–
0.4
V
Output Current High
Ioh
–
–
–
8
mA
Output Current Low
Iol
–
2
–
–
mA
Input Capacitance
Ci
–
–
10
–
pF
Output Transition Time
3.15V < VCC < 3.45V
–
5
–
ns
Tri-state Leakage Current
|Ioz|
–
–
–
10
uA
Table 47: REFCLK and XTAL Pins
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Low
Vil
–
–
–
0.8
V
Input Voltage High
Vih
–
2.0
–
–
V
Input Clock Frequency
Tolerance
F–
–
–
±50
ppm
Input Clock Duty Cycle
Tdc
–
40
–
60
%
Input Capacitance
Cin
–
–
3.0
–
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com