Electronic Components Datasheet Search
  English  ▼

X  

MP26085 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP26085
Description  CC/CV Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26085 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP26085 Datasheet HTML 1Page - Monolithic Power Systems MP26085 Datasheet HTML 2Page - Monolithic Power Systems MP26085 Datasheet HTML 3Page - Monolithic Power Systems MP26085 Datasheet HTML 4Page - Monolithic Power Systems MP26085 Datasheet HTML 5Page - Monolithic Power Systems MP26085 Datasheet HTML 6Page - Monolithic Power Systems MP26085 Datasheet HTML 7Page - Monolithic Power Systems MP26085 Datasheet HTML 8Page - Monolithic Power Systems MP26085 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP26085
– CC/CV CONTROLLER
MP26085 Rev. 1.02
www.MonolithicPower.com
3
11/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 15V, TA = 25°C, unless otherwise noted.
Notes:
5) Guaranteed by design.
6) Line Regulation=
)
MIN
_
VCC
(
SOURCE
)
MAX
_
VCC
(
SOURCE
I
I
−
Parameter
Symbol
Condition
Min
Typ
Max
Units
Total Supply Current
IIN
VIN = 15V, ICON=5V,
no load
0.2
mA
OPERATIONAL AMPLIFIER
Input Voltage Range
(5)
VI
0
3
V
Input Offset Voltage
VOS
TA = 25
oC
-5
1
+5
mV
Input Bias Current
IB
TA = 25
oC
-700
-300
0
nA
TA = 25
oC,
V_COMP=0.5V
15
Output Sink Current
ICOMP_sink
-40
oC ≤ TA ≤ +85oC
8
mA
Large Signal Voltage Gain
(5)
AVO
RL =2kΩ ,
15
V/mV
Supply Voltage Rejection Ratio
(5)
SVR
Supply Voltage change
of 1.0V
65
90
dB
Common Mode Rejection Ratio
(5)
CMRR
80
dB
Gain Bandwidth Product
(5)
GBW
VIN =15V, VI = 10mV,
RL =2kΩ, CL =100pF
1
MHz
Output Leakage Current
ICOMP_leak
age
TA = 25
oC
2
μA
VOLTAGE REFERENCE
Reference Voltage
VREF
IOUT = 1mA, TA = 25°C
1.21
1.223
1.236
V
Temperature Coefficient
TCV
-40
oC ≤ TA ≤ +85oC
60
100
ppm/
oC
CURRENT GENERATOR
Current Source
ISOURCE
R3+R4=44kΩ
1.25
mA
Temperature Coefficient
TCI
-40
oC ≤ TA ≤ +85oC
100
ppm/
oC
Line Regulation of Current Source
(6)
7V < VIN < 20V
0.003
0.03
mA
Voltage at ICON pin to enable
VICON_EN
ISOURCE = 1.25mA
0.6
V
Voltage at ICON pin to disable
VICON_DIS ISOURCE = 0mA
2
V
Input Current on the ICON pin
ICONIN
VICON=6.5V
30
μA
ICON pin source Current
ICONIN
VICON=0V
30
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com