Electronic Components Datasheet Search
  English  ▼

X  

MP26085 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP26085
Description  CC/CV Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26085 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP26085 Datasheet HTML 4Page - Monolithic Power Systems MP26085 Datasheet HTML 5Page - Monolithic Power Systems MP26085 Datasheet HTML 6Page - Monolithic Power Systems MP26085 Datasheet HTML 7Page - Monolithic Power Systems MP26085 Datasheet HTML 8Page - Monolithic Power Systems MP26085 Datasheet HTML 9Page - Monolithic Power Systems MP26085 Datasheet HTML 10Page - Monolithic Power Systems MP26085 Datasheet HTML 11Page - Monolithic Power Systems MP26085 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP26085
– CC/CV CONTROLLER
MP26085 Rev. 1.02
www.MonolithicPower.com
8
11/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Constant Output Voltage
The output voltage is set by selecting the
resistive voltage divider ratio. The voltage
divider drops the charge voltage to the internal
voltage reference 1.223V,. Generally, use 10kΩ
for the low-side resistor of the voltage divider.
Determine the high-side resistor by the
equation:
1)
1.223V
V
(
R2
R1
O
−
×
=
Where R1 is the high-side resistor, R2 is the
low-side resistor and VO is the constant output
voltage.
Setting
the
Constant
Output
Current
/Current Limitation
The output current is regulated effectively when
the voltage drop across RSEN is equal to the
voltage on IREF pin of the MP26085 (assuming
that the internal current source is disabled).
RSEN is the sense resistor used for current
measurement.
For general application (<1A), the voltage drop
across RSEN is recommended to be 200mV.
RSEN can be standard low cost 0.5W resistors in
parallel.
_IREF
SEN
O
V
R
I
=
The output current is set by scaling VREF
through R3 and R4:
_IREF
REF
R4
VV
R3 R4
=×
+
The ratio of R3 and R4 determines the current
reference, and the sum of the resistances of R3
and R4 sets the current source. So, it is
recommended to set the sum of R3 and R4 to
get current source first (recommended 44kΩ),
then select a suitable ratio between R3 and R4
to achieve the current reference value.
Output Current Adjustment
If the ICON pin is left open or connected to 5V
VCC, the output current is determined by the
IREF and sensing resistor RSEN.
SEN
_IREF
O
R
V
I
=
If ICON pin is connected to ground, the internal
current
source
is
enabled,
the
current
measurement is off-set by a voltage equal to:
REF
_OFFSET
V
VRif Ki
R3 R4
=× ×
+
This can be used to lower the output current for
trickle charge or eventually to stop the charge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com