Electronic Components Datasheet Search
  English  ▼

X  

MP26085 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP26085
Description  CC/CV Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26085 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP26085 Datasheet HTML 1Page - Monolithic Power Systems MP26085 Datasheet HTML 2Page - Monolithic Power Systems MP26085 Datasheet HTML 3Page - Monolithic Power Systems MP26085 Datasheet HTML 4Page - Monolithic Power Systems MP26085 Datasheet HTML 5Page - Monolithic Power Systems MP26085 Datasheet HTML 6Page - Monolithic Power Systems MP26085 Datasheet HTML 7Page - Monolithic Power Systems MP26085 Datasheet HTML 8Page - Monolithic Power Systems MP26085 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP26085
– CC/CV CONTROLLER
MP26085 Rev. 1.02
www.MonolithicPower.com
4
11/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
IFB
Current feedback. Connected to the sense resistor.
2
IREF
Current Limitation Reference Input. An external resistor divider (sum is 44kΩ) from the
VREF to GND tapped to the IREF pin sets the current reference.
3
GND
Ground
4
COMP
Output pin common to the voltage regulation and current limitation loops. This output
can drive the primary side (LED) of an opto-coupler.
5
VFB
Voltage feedback. An external resistor divider from the output to GND tapped to the FB
pin sets the output voltage.
6
VREF
Internal voltage reference output. This voltage is used to generate the voltage and
current reference.
7
IN
Power Supply Input. Bypass VIN to GND with a 4.7μF or greater capacitor.
8
ICON
Current source enable input. This current source can be used to offset the voltage
measurement on the sense resistor and therefore to modify the charge current. The
current source enabled when the input voltage on ICON pin is lower than 0.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com