Electronic Components Datasheet Search
  English  ▼

X  

MP26085 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26085
Description  CC/CV Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26085 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26085 Datasheet HTML 1Page - Monolithic Power Systems MP26085 Datasheet HTML 2Page - Monolithic Power Systems MP26085 Datasheet HTML 3Page - Monolithic Power Systems MP26085 Datasheet HTML 4Page - Monolithic Power Systems MP26085 Datasheet HTML 5Page - Monolithic Power Systems MP26085 Datasheet HTML 6Page - Monolithic Power Systems MP26085 Datasheet HTML 7Page - Monolithic Power Systems MP26085 Datasheet HTML 8Page - Monolithic Power Systems MP26085 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP26085
CC/CV Controller
MP26085 Rev. 1.02
www.MonolithicPower.com
1
11/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP26085 is a voltage and current control IC
integrated a precision voltage reference and a
current source, which is suitable for battery
charger, second controller of switching regulator
systems, and other types of application required
an accurate voltage and current control systems.
This IC compares the DC voltage and the current
level at the output of a switching power supply to
the voltage reference and current limitation,
respectively. It provides a feedback through an
opto-coupler to the PWM controller IC at the
primary side.
The current source is controlled externally, which
can be used to modify the level of current
limitation by offsetting the information coming
from the current sensing resistor.
It is available in an 8-pin TSOT23 package.
FEATURES
• Constant Voltage and Constant Current
Control
• 1.223V built-in voltage reference with 1%
Accuracy
• Wide input voltage range: 7V to 20V
• Two Operational Amplifier with ORED Output
and 1MHz bandwidth
• Built-in
Current
Generator
with
Enable/Disable Function
• 8-Pin TSOT23 Package
APPLICATIONS
• Battery Chargers
• Every Types of Application Required an
Accurate Voltage and Current Control
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive.
For MPS green status, please visit MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Controller
+
++
MP26085
To
Battery
Pack
COMP
VREF
IFB
IN
VFB
IREF
GND
ICON
GND
5V
RSEN
Rs
R1
R2
C1
R3
R4
Rif
ACin
R5
R6
C2
C3
C4
C5
C6
C7
C8
R7
OPTO
Q1
T1
D1
L1


Similar Part No. - MP26085

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2608 MPS-MP2608 Datasheet
453Kb / 12P
28V, 1A Dual Input Linear Battery Charger With Timer
MP2608DQ MPS-MP2608DQ Datasheet
453Kb / 12P
28V, 1A Dual Input Linear Battery Charger With Timer
More results

Similar Description - MP26085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
List of Unclassifed Man...
FT832DB ETC2-FT832DB Datasheet
193Kb / 10P
Primary-Side-Control CC/CV Controller
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
CV/CC
logo
SIFIRST TECHNOLOGIES NA...
SF6761S SIFIRST-SF6761S Datasheet
149Kb / 2P
super-QR/PSRTM CV/CC Controller
logo
SHENZHEN FUMAN ELECTRON...
TC2201 FUMAN-TC2201 Datasheet
263Kb / 6P
Dual CC/CV Mode Switch Controller
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
TC6538 FUMAN-TC6538 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
logo
Major-Power Technology ...
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com