Electronic Components Datasheet Search
  English  ▼

X  

MP26085 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP26085
Description  CC/CV Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26085 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP26085 Datasheet HTML 1Page - Monolithic Power Systems MP26085 Datasheet HTML 2Page - Monolithic Power Systems MP26085 Datasheet HTML 3Page - Monolithic Power Systems MP26085 Datasheet HTML 4Page - Monolithic Power Systems MP26085 Datasheet HTML 5Page - Monolithic Power Systems MP26085 Datasheet HTML 6Page - Monolithic Power Systems MP26085 Datasheet HTML 7Page - Monolithic Power Systems MP26085 Datasheet HTML 8Page - Monolithic Power Systems MP26085 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP26085
– CC/CV CONTROLLER
MP26085 Rev. 1.02
www.MonolithicPower.com
5
11/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Current Source
vs. Ambient Temperature
ICON Input Bias Current
vs.
Ambient Temperature
SupplyCurrent
vs. Ambient Temperature
VREF vs.
Amibent Temperature
1.2
1.21
1.22
1.23
1.24
1.25
VICON=6.5V
0
1
2
3
4
5
-40
-20
0
25
70
85
VIN=15V
VIN=7V
VIN=20V
-40
-20
0
25
70
85
1220
1230
1240
1250
1260
1270
-40
-20
0
25
70
85
VIN=7V
VIN=15V
VIN=20V
0
50
100
150
200
250
-40
-20
0
25
70
85
VIN=20V
VIN=15V
VIN=7V
IFB Input Bias Current
vs. Ambient Temperature
-40
-20
0
257085
VIN=15V, V_IFB=6.5V
IREF Input Bias Current
vs. Ambient Temperature
0
0.003
0.006
0.009
0.012
0.015
-40
-20
0
257085
VIN=15V, V_IREF=6.5V
-0.011
-0.01
-0.009
-0.008
-0.007
-0.006
0
0.004
0.008
0.012
0.016
0.02
-40
-20
0
25
70
85
VFB Input Bias Current
vs. Ambient Temperature
VIN=15V, V_VFB=6.5V
CC/CV op amp Short
Circuit Current vs.
Ambient Temperature
0
40
80
120
160
200
-40
-20
0
25
70
85
VCOMP=0.5V
VCOMP=0.5V
0
20
40
60
80
100
120
-40
-20
0
25
70
85
CC op amp Short
Circuit Current vs.
Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com