Electronic Components Datasheet Search
  English  ▼

X  

MP26085 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP26085
Description  CC/CV Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26085 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP26085 Datasheet HTML 3Page - Monolithic Power Systems MP26085 Datasheet HTML 4Page - Monolithic Power Systems MP26085 Datasheet HTML 5Page - Monolithic Power Systems MP26085 Datasheet HTML 6Page - Monolithic Power Systems MP26085 Datasheet HTML 7Page - Monolithic Power Systems MP26085 Datasheet HTML 8Page - Monolithic Power Systems MP26085 Datasheet HTML 9Page - Monolithic Power Systems MP26085 Datasheet HTML 10Page - Monolithic Power Systems MP26085 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP26085
– CC/CV CONTROLLER
MP26085 Rev. 1.02
www.MonolithicPower.com
7
11/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP26085 integrates a high precision band
gap
voltage
reference,
two
operational
amplifiers and a current source (Figure 1). It is
intended for use in a switching mode power
supply (SMPS) to realize constant current and
constant voltage control.
Voltage Reference
The voltage reference of MP26085 is 1.223V.
Voltage Regulation Loop
The voltage regulation is done by comparing
the feedback output voltage (resistor divider R1
and R2) to the voltage reference (1.223V). If it
is higher than 1.223V, the output of the voltage
loop operational amplifier decreases. The
optocoupler current increases and tends to
reduce the output voltage by the way of the
PWM controller.
Current Limitation Loop
The current limitation is performed by sensing
the voltage across the low ohmic value resistor
RSEN and comparing it to a fixed value set by
the R-divider composed by R3 and R4
(R3+R4=44kΩ in the typical application circuit).
When the voltage on RSEN is higher than the
voltage on the IREF pin the output of the
current loop operational amplifier decreases.
The optocoupler current increases and tends to
reduce the output voltage by the way of the
PWM controller.
Current Source
The current source of MP26085 is controlled by
the ICON pin
By connecting the ICON pin to the ground, the
current source is enabled. MP26085 mirrors the
current through VREF pin to generate the current
source with the gain Ki=45. The current goes
through VREF pin is determined by the external
R-divider, R3 and R4 (typical application circuit).
So, the current source is calculated as:
REF
SOURCE
V
IKi
R3 R4
=×
+
Then, we can offset the sensing output current
by a voltage equal to:
_OFFSET
SOURCE
VRif I
=×
This offset lowers the output current and this
function can be used to charge batteries with
different capacities.
Voltage
Reference
VREF
IN
COMP
GND
VFB
IFB
IREF
ICON
Regulator
Buffer
Figure 1—Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com