Electronic Components Datasheet Search
  English  ▼

X  

MP6531A Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP6531A
Description  5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6531A Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP6531A Datasheet HTML 10Page - Monolithic Power Systems MP6531A Datasheet HTML 11Page - Monolithic Power Systems MP6531A Datasheet HTML 12Page - Monolithic Power Systems MP6531A Datasheet HTML 13Page - Monolithic Power Systems MP6531A Datasheet HTML 14Page - Monolithic Power Systems MP6531A Datasheet HTML 15Page - Monolithic Power Systems MP6531A Datasheet HTML 16Page - Monolithic Power Systems MP6531A Datasheet HTML 17Page - Monolithic Power Systems MP6531A Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP6531A – 5V - 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6531A Rev. 1.02
www.MonolithicPower.com
16
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
the
performance of the MOSFET gate drivers. In
particular, the connection between the HS
source and LS drain must be as direct as
possible to avoid a negative undershoot on the
phase node due to parasitic inductances. The
pre-driver is designed to accommodate a
negative undershoot, but if it is excessive,
unpredictable operation or damage to the IC
can result. For best results, refer to Figure 7
(which shows the similar MP6532 IC) and follow
the guidelines below.
1. Use surface-mounted N-channel MOSFETs,
which allow for a very short connection
between the HS-FET and LS-FET.
2. Use wide copper areas for all of the high-
current paths.
3. Connect
the
low-side
sense
resistor
(composed of three resistors in parallel
(R25, R26, and R27)) to the input supply
ground and LS-FET source terminals with
wide copper areas.
4. Place the charge pump and supply bypass
capacitors very close to the IC.
5. Connect
the
grounded
side
of
these
capacitors to a ground plane connected to
the device ground pin and exposed pad.
6. Keep the high-current ground path between
the input supply, input bulk capacitor (C19),
and MOSFETs away from this area.
Figure 7: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com