Electronic Components Datasheet Search
  English  ▼

X  

MP6531A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6531A
Description  5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6531A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6531A Datasheet HTML 7Page - Monolithic Power Systems MP6531A Datasheet HTML 8Page - Monolithic Power Systems MP6531A Datasheet HTML 9Page - Monolithic Power Systems MP6531A Datasheet HTML 10Page - Monolithic Power Systems MP6531A Datasheet HTML 11Page - Monolithic Power Systems MP6531A Datasheet HTML 12Page - Monolithic Power Systems MP6531A Datasheet HTML 13Page - Monolithic Power Systems MP6531A Datasheet HTML 14Page - Monolithic Power Systems MP6531A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MP6531A – 5V - 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6531A Rev. 1.02
www.MonolithicPower.com
11
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP6531A is a three-phase BLDC motor
pre-driver that drives three external N-channel
MOSFET half-bridges with an 0.8A source and
1A of sink current capability. The MP6531A
operates over a wide input voltage range of 5V
to 60V, generating a boosted gate drive voltage
when the input supply is below 12V. The
MP6531A features low-power sleep mode,
which disables the device and draws a very low
supply current. The MP6531A provides several
flexible functions, such as adjustable dead-time
control and over-current protection, which allow
the device to cover a wide range of applications.
Power-Up Sequence
The power-up sequence is initiated by the
application of voltage to VIN. To initiate power-
up, VIN must be above the under-voltage
lockout threshold (VUVLO).
After power-up begins, the VREG supply begins
operating. VREG must rise above VREG_RISE
before the device becomes functional.
The power-up process takes between 1ms and
2ms, after which the MP6531A responds to the
logic inputs and drives the outputs.
Gate Drive Power Supplies
Gate drive voltages are generated from the
input power (VIN). A regulated charge pump
voltage doubler circuit supplies a voltage of
approximately 11.5V to VREG. This voltage is
used for the low-side gate drive supply. The
charge
pump
requires
external
capacitors
between CPA and CPB and from VREG to
ground.
The high-side gate drive is generated by a
combination of a bootstrap capacitor and an
internal
trickle
charge
pump.
Bootstrap
capacitors are charged to VREG when the low-
side MOSFET (LS-FET) is turned on. This
charge is then used to drive the high-side
MOSFET (HS-FET) gate when it is turned on.
To keep the bootstrap capacitors charged and
allow for operation at 100% duty cycle, an
internal trickle charge pump supplies a small
current (about 5µA) to overcome leakages that
would discharge the bootstrap capacitors.
Sleep Mode (nSLEEP Input)
Driving nSLEEP low puts the device into a low-
power sleep state. In this state, all internal
circuits are disabled, and all inputs are ignored.
nSLEEP has an internal pull-down resistor, so
the pin must be driven high for the MP6531A to
operate.
When
exiting
sleep
mode,
the
MP6531A initiates the power-up sequence.
Input Logic
HC, HB, or HA are used to control the gate
drive for the HS-FET of each phase. LC, LB, or
LA are used to control the gate drive for the
low-side FET. Positive dead time is enforced by
the device, and if both HX and LX are driven
high, neither FET is driven (see Table 1).
Table 1: Input Logic Truth Table
LX
HX
SHX
H
H
High impedance
H
L
GND
L
H
VIN
L
L
High impedance
nFAULT
The nFAULT output reports to the system when
a fault condition (such as output short-circuit,
over-current, or over-temperature) is detected.
nFAULT is an open-drain output and is driven
low when a fault condition occurs. If the fault
condition is released, nFAULT is pulled high by
an external pull-up resistor.
Short-Circuit Protection (SCP) (VDS Sensing)
To protect the power stage from damage
caused by high currents, VDS sensing circuitry is
implemented in the MP6531A. The voltage drop
across each MOSFET is sensed. This voltage
is proportional to the RDS(ON) of the MOSFET
and the IDS current passing through it. If this
voltage exceeds the voltage supplied to the
OC_REF terminal, a short circuit is recognized.
In the event of a short circuit, the MP6531A
disables all of the gate drive outputs. nFAULT is
driven active low. The device remains latched
off until it is reset by nSLEEP or VIN UVLO.
Short circuit protection can be disabled by
connection a 100k
Ω resistor from VREG to the
OCREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com