Electronic Components Datasheet Search
  English  ▼

X  

MP6531A Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6531A
Description  5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6531A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6531A Datasheet HTML 1Page - Monolithic Power Systems MP6531A Datasheet HTML 2Page - Monolithic Power Systems MP6531A Datasheet HTML 3Page - Monolithic Power Systems MP6531A Datasheet HTML 4Page - Monolithic Power Systems MP6531A Datasheet HTML 5Page - Monolithic Power Systems MP6531A Datasheet HTML 6Page - Monolithic Power Systems MP6531A Datasheet HTML 7Page - Monolithic Power Systems MP6531A Datasheet HTML 8Page - Monolithic Power Systems MP6531A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP6531A – 5V - 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6531A Rev. 1.02
www.MonolithicPower.com
5
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
5
60
V
Quiescent current
I
Q
nSLEEP = 1, gate not switching
1.8
2.3
mA
I
SLEEP
nSLEEP = 0
1
µA
Control Logic
Input logic low threshold
VIL
0.8
V
Input logic high threshold
VIH
2
V
Logic input current
IIN(H)
VIH = 5V
-20
20
µA
IIN(L)
VIL = 0.8V
-20
20
µA
nSLEEP pull-down current
ISLEEP-PD
1
µA
Internal pull-down resistance
R
PD
800
k
Ω
Fault Outputs (Open-Drain Outputs)
Output low voltage
VOL
IO = 5mA
0.5
V
Output high leakage current
IOH
VO = 3.3V
1
µA
Protection Circuit
UVLO rising threshold
V
IN_RISE
3.3
3.9
4.5
V
UVLO hysteresis
V
IN_HYS
250
mV
VREG rising threshold
V
REG_RISE
6.8
7.8
8.5
V
VREG hysteresis
V
REG_HYS
0.6
1
V
VREG start-up delay
tREG
850
µs
OC_REF threshold
VOC
VOC = 1V
0.8
1
1.2
V
VOC = 2.4V
2.18
2.4
2.62
V
OCP deglitch time
tOC
3
µs
nSLEEP wake-up time
tSLEEP
1
ms
LSS OCP threshold
VLSS-OCP
0.4
0.5
0.6
V
Thermal shutdown
TTSD
190
°C
Gate Drive
Bootstrap diode forward
voltage
VFBOOT
ID = 10mA
0.9
V
ID = 100mA
1.4
V
VREG output voltage
VREG
VIN = 5.5V - 60V
10
11.5
13
VIN = 5V
2xVIN-1
V
Maximum source current
IOSO
(5)
0.8
A
Maximum sink current
IOSI
(5)
HS gate drive
1
A
LS gate drive
2
A
Gate drive pull-up resistance
RUP
VDS = 1V
8
Ω
HS gate drive pull-down
resistance
RHS-DN
VDS = 1V
1
5.5
Ω
LS gate drive pull-down
resistance
RLS-DN
VDS = 1V
1
5.8
Ω
LS passive pull-down
resistance
RLS-PDN
590
kΩ
LS automatic turn-on time
tLS
At power-up
0.5
µs
Charge pump frequency
fCP
110
kHz
Dead time
tDEAD
RDT = 100kΩ
5.7
µs
RDT = 10kΩ
0.7
µs
DT tied to GND
130
ns
NOTE:
5) Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com