Electronic Components Datasheet Search
  English  ▼

X  

MP6531A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6531A
Description  5V - 60V, Three-Phase, Brushless, DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6531A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6531A Datasheet HTML 6Page - Monolithic Power Systems MP6531A Datasheet HTML 7Page - Monolithic Power Systems MP6531A Datasheet HTML 8Page - Monolithic Power Systems MP6531A Datasheet HTML 9Page - Monolithic Power Systems MP6531A Datasheet HTML 10Page - Monolithic Power Systems MP6531A Datasheet HTML 11Page - Monolithic Power Systems MP6531A Datasheet HTML 12Page - Monolithic Power Systems MP6531A Datasheet HTML 13Page - Monolithic Power Systems MP6531A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP6531A – 5V - 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6531A Rev. 1.02
www.MonolithicPower.com
10
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Charge
Pump
VIN
RSENSE
SHA
GND
Fault
Handling
OCP
Comparator
Timing and
Control
Logic
LB
LA
DT
nSLEEP
CPA
CPB
VIN
VREG
GHA
GLA
HA
LC
HC
HB
HS Gate
Drive
LS Gate
Drive
Trickle
Charge
Phase A,
repeat for B&C
VCP
LSS
3.9V
UVLO
Comparator
nFAULT
RDT
BSTA
VREG
TSD
OC_REF
VDS
Monitor
0.5V
LSS
Comparator
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com