Electronic Components Datasheet Search
  English  ▼

X  

OPA1678 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1678
Description  Low-Distortion Audio Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1678 Datasheet(HTML) 2 Page - Texas Instruments

  OPA1678 Datasheet HTML 1Page - Texas Instruments OPA1678 Datasheet HTML 2Page - Texas Instruments OPA1678 Datasheet HTML 3Page - Texas Instruments OPA1678 Datasheet HTML 4Page - Texas Instruments OPA1678 Datasheet HTML 5Page - Texas Instruments OPA1678 Datasheet HTML 6Page - Texas Instruments OPA1678 Datasheet HTML 7Page - Texas Instruments OPA1678 Datasheet HTML 8Page - Texas Instruments OPA1678 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
OPA1678, OPA1679
SBOS855A – FEBRUARY 2017 – REVISED MAY 2018
www.ti.com
Product Folder Links: OPA1678 OPA1679
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information: OPA1678 ................................ 6
6.5
Thermal Information: OPA1679 ................................ 6
6.6
Electrical Characteristics: VS = ±15 V....................... 7
6.7
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 14
7.4
Device Functional Modes........................................ 18
8
Application and Implementation ........................ 19
8.1
Application Information............................................ 19
8.2
Typical Application .................................................. 20
9
Power Supply Recommendations ...................... 26
10
Layout................................................................... 26
10.1
Layout Guidelines ................................................. 26
10.2
Layout Example .................................................... 27
10.3
Power Dissipation ................................................. 27
11
Device and Documentation Support ................. 28
11.1
Device Support...................................................... 28
11.2
Documentation Support ........................................ 29
11.3
Related Links ........................................................ 29
11.4
Receiving Notification of Documentation Updates 29
11.5
Community Resource............................................ 29
11.6
Trademarks ........................................................... 29
11.7
Electrostatic Discharge Caution ............................ 29
11.8
Glossary ................................................................ 29
12
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (February 2017) to Revision A
Page
•
Added SON-8 package to Features list.................................................................................................................................. 1
•
Added DRG (SON) 8-pin package to Device Information table ............................................................................................ 1
•
Added DRG (SON) 8-pin pinout drawing to Pin Configuration and Functions section .......................................................... 3
•
Added thermal pad information to Pin Functions: OPA1678 table......................................................................................... 3
•
Added DRG (SON) thermal information to Thermal Information: OPA1678 table ................................................................. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com