Electronic Components Datasheet Search
  English  ▼

X  

OPA1678 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1678
Description  Low-Distortion Audio Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1678 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA1678 Datasheet HTML 20Page - Texas Instruments OPA1678 Datasheet HTML 21Page - Texas Instruments OPA1678 Datasheet HTML 22Page - Texas Instruments OPA1678 Datasheet HTML 23Page - Texas Instruments OPA1678 Datasheet HTML 24Page - Texas Instruments OPA1678 Datasheet HTML 25Page - Texas Instruments OPA1678 Datasheet HTML 26Page - Texas Instruments OPA1678 Datasheet HTML 27Page - Texas Instruments OPA1678 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
½ OPA1678
+
±
61.9 k
0.1 F
9 V
9 V
Electret
Microphone
9 V
R3
100 k
R1
R4
C1
C3
Output
13.7 k
2.2 F
C2
2.2 F
16 pF
R2
100 k
VOUT
V+
V±
+
±
15 V
-15 V
½ OPA1678
R2
118 k
R3
10 k
C2
27 nF
C3
7.5 nF
R4
127
R1
47 k
C1
150 pF
C4
100 F
R5
100
C5
100 F
R6
100 k
MM Phono Input
Output
24
OPA1678, OPA1679
SBOS855A – FEBRUARY 2017 – REVISED MAY 2018
www.ti.com
Product Folder Links: OPA1678 OPA1679
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Application (continued)
8.2.4.1 Phono Preamplifier for Moving Magnet Cartridges
The noise and distortion performance of the OPA167x family of amplifiers is exceptional in applications with high
source impedances, which makes these devices a viable choice in preamplifier circuits for moving magnet (MM)
phono cartridges. Figure 38 shows a preamplifier circuit for MM cartridges with 40 dB of gain at 1 kHz.
Figure 38. Phono Preamplifier for Moving Magnet Cartridges
(Single-Channel Shown)
8.2.4.2 Single-Supply Electret Microphone Preamplifier
The preamplifier circuit shown in Figure 39 operates the OPA1678 as a transimpedance amplifier that converts
the output current from the electret microphone's internal JFET into a voltage. Resistor R4 determines the gain of
the circuit. Resistors R2 and R3 bias the input voltage to half the power supply voltage for proper functionality on
a single-supply.
Figure 39. Single-Supply Electret Microphone Preamplifier
8.2.4.3 Composite Headphone Amplifier
Figure 40 shows the BUF634 buffer inside the feedback loop of the OPA1678 to increase the available output
current for low-impedance headphones. If the BUF634 is used in wide-bandwidth mode, no additional
components besides the feedback resistors are required to maintain loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com