Electronic Components Datasheet Search
  English  ▼

X  

OPA1678 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1678
Description  Low-Distortion Audio Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1678 Datasheet(HTML) 3 Page - Texas Instruments

  OPA1678 Datasheet HTML 1Page - Texas Instruments OPA1678 Datasheet HTML 2Page - Texas Instruments OPA1678 Datasheet HTML 3Page - Texas Instruments OPA1678 Datasheet HTML 4Page - Texas Instruments OPA1678 Datasheet HTML 5Page - Texas Instruments OPA1678 Datasheet HTML 6Page - Texas Instruments OPA1678 Datasheet HTML 7Page - Texas Instruments OPA1678 Datasheet HTML 8Page - Texas Instruments OPA1678 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Thermal
Pad
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
3
OPA1678, OPA1679
www.ti.com
SBOS855A – FEBRUARY 2017 – REVISED MAY 2018
Product Folder Links: OPA1678 OPA1679
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
OPA1678 D and DGK Packages
8-Pin SOIC and VSSOP
Top View
OPA1678 DRG Package
8-Pin SON With Exposed Thermal Pad
Top View
Pin Functions: OPA1678
PIN
I/O
DESCRIPTION
NAME
NO.
–IN A
2
I
Inverting input, channel A
+IN A
3
I
Noninverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN B
5
I
Noninverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V–
4
—
Negative (lowest) power supply
V+
8
—
Positive (highest) power supply
Thermal pad
Exposed thermal die pad on underside; connect thermal die pad to V–. Soldering the thermal
pad improves heat dissipation and provides specified performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com