Electronic Components Datasheet Search
  English  ▼

X  

OPA1678 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1678
Description  Low-Distortion Audio Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1678 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA1678 Datasheet HTML 8Page - Texas Instruments OPA1678 Datasheet HTML 9Page - Texas Instruments OPA1678 Datasheet HTML 10Page - Texas Instruments OPA1678 Datasheet HTML 11Page - Texas Instruments OPA1678 Datasheet HTML 12Page - Texas Instruments OPA1678 Datasheet HTML 13Page - Texas Instruments OPA1678 Datasheet HTML 14Page - Texas Instruments OPA1678 Datasheet HTML 15Page - Texas Instruments OPA1678 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
-40°C
0°C
25°C
85°C
C004
±60
±40
±20
0
20
40
60
80
±40
±15
10
35
60
85
110
135
Temperature (sC)
ISC (+)
ISC (-)
C003
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
Supply Voltage (V)
C008
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
45
50
55
60
Output Current (mA)
-40°C
0°C
25°C
85°C
C004
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
±40
±15
10
35
60
85
110
Temperature (
ƒC)
C008
-8
-6
-4
-2
0
2
4
6
8
±18 ±15 ±12 ±9
±6
±3
0
3
6
9
12
15
18
Common-Mode Voltage (V)
IB(N)
IB(P)
I(OS)
C008
12
OPA1678, OPA1679
SBOS855A – FEBRUARY 2017 – REVISED MAY 2018
www.ti.com
Product Folder Links: OPA1678 OPA1679
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, and RL = 2 kΩ, (unless otherwise noted)
Figure 19. IB and IOS vs Common-Mode Voltage
Figure 20. Supply Current vs Temperature
Figure 21. Supply Current vs Supply Voltage
Figure 22. Output Voltage vs Output Current (Sourcing)
Figure 23. Output Voltage vs Output Current (Sinking)
Figure 24. Short-Circuit Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com