Electronic Components Datasheet Search
  English  ▼

X  

OPA1678 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1678
Description  Low-Distortion Audio Operational Amplifiers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1678 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA1678 Datasheet HTML 7Page - Texas Instruments OPA1678 Datasheet HTML 8Page - Texas Instruments OPA1678 Datasheet HTML 9Page - Texas Instruments OPA1678 Datasheet HTML 10Page - Texas Instruments OPA1678 Datasheet HTML 11Page - Texas Instruments OPA1678 Datasheet HTML 12Page - Texas Instruments OPA1678 Datasheet HTML 13Page - Texas Instruments OPA1678 Datasheet HTML 14Page - Texas Instruments OPA1678 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
100
105
110
115
120
125
130
135
140
145
±40
±15
10
35
60
85
110
Temperature (
ƒC)
C008
-2000
-1500
-1000
-500
0
500
1000
±40
±15
10
35
60
85
110
Temperature (
ƒC)
IB(N)
IB(P)
I(OS)
C008
Time (1 s/div)
VIN
VOUT
C009
Time (1 s/div)
VIN
VOUT
C009
Time (0.2 s/div)
VIN
VOUT
C009
Time (0.2 s/div)
VIN
VOUT
C009
11
OPA1678, OPA1679
www.ti.com
SBOS855A – FEBRUARY 2017 – REVISED MAY 2018
Product Folder Links: OPA1678 OPA1679
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, and RL = 2 kΩ, (unless otherwise noted)
Gain = 1 V/V
CL = 100 pF
Figure 13. Small-Signal Step Response (100 mV)
Gain = –1 V/V
CL = 100 pF
Figure 14. Small-Signal Step Response (100 mV)
Gain = +1 V/V
RF = 2 kΩ
CL = 100 pF
Figure 15. Large-Signal Step Response
Gain = –1 V/V
CL = 100 pF
Figure 16. Large-Signal Step Response
Figure 17. Open-Loop Gain vs Temperature
Figure 18. IB and IOS vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com