Electronic Components Datasheet Search
  English  ▼

X  

S29CD032G Datasheet(PDF) 27 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 27 Page - SPANSION

Back Button S29CD032G Datasheet HTML 23Page - SPANSION S29CD032G Datasheet HTML 24Page - SPANSION S29CD032G Datasheet HTML 25Page - SPANSION S29CD032G Datasheet HTML 26Page - SPANSION S29CD032G Datasheet HTML 27Page - SPANSION S29CD032G Datasheet HTML 28Page - SPANSION S29CD032G Datasheet HTML 29Page - SPANSION S29CD032G Datasheet HTML 30Page - SPANSION S29CD032G Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
27
Ad va nc e
In forma t i o n
Initial Access Delay Configuration
The frequency configuration informs the device of the number of clocks that must
elapse after ADV# is driven active before data will be available. This value is de-
termined by the input clock frequency.
Sector Protection
The device features several levels of sector protection, which can disable both the
program and erase operations in certain sectors or sector groups
Sector and Sector Groups
The distinction between sectors and sector groups is fundamental to sector pro-
tection. Sector are individual sectors that can be individually sector protected/
unprotected. These are the outermost 4 Kword boot sectors, that is, SA0 to SA7
and SA70 to SA77. See Tables 12 and 13.
Sector groups are a collection of three or four adjacent 32 kword sectors. For ex-
ample, sector group SG8 is comprised of sector SA8 to SA10. When any sector in
a sector group is protected/unprotected, every sector in that group is protection/
unprotected. See Tables 12 and 13.
Persistent Sector Protection
A command sector protection method that replaces the old 12 V controlled pro-
tection method.
Password Sector Protection
A highly sophisticated protection method that requires a password before
changes to certain sectors or sector groups are permitted
WP# Hardware Protection
A write protect pin that can prevent program or erase to the two outermost 8
Kbytes sectors in the 75% bank
All parts default to operate in the Persistent Sector Protection mode. The cus-
tomer must then choose if the Persistent or Password Protection method is most
desirable. There are two one-time programmable non-volatile bits that define
which sector protection method will be used. If the customer decides to continue
using the Persistent Sector Protection method, they must set the Persistent
Sector Protection Mode Locking Bit. This will permanently set the part to op-
erate only using Persistent Sector Protection. If the customer decides to use the
password method, they must set the Password Mode Locking Bit. This will
permanently set the part to operate only using password sector protection.
Table 10. Configuration Register After Device Reset
CR15
CR14
CR13
CR12
CR11
CR10
CR9
CR8
RM
Reserve
IAD3
IAD2
IAD1
IAD0
DOC
Reserve
10
01
11
0
0
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
BS
CC
Reserve
Reserve
Reserve
BL2
BL1
BL0
11
00
01
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com