Electronic Components Datasheet Search
  English  ▼

X  

S29CD032G Datasheet(PDF) 36 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 36 Page - SPANSION

Back Button S29CD032G Datasheet HTML 32Page - SPANSION S29CD032G Datasheet HTML 33Page - SPANSION S29CD032G Datasheet HTML 34Page - SPANSION S29CD032G Datasheet HTML 35Page - SPANSION S29CD032G Datasheet HTML 36Page - SPANSION S29CD032G Datasheet HTML 37Page - SPANSION S29CD032G Datasheet HTML 38Page - SPANSION S29CD032G Datasheet HTML 39Page - SPANSION S29CD032G Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
36
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
SA23
SG12
40000h–43FFFh
16
SA24
44000h–47FFFh
16
SA25
48000h–4BFFFh
16
SA26
4C000h–4FFFFh
16
SA27
SG13
50000h–53FFFh
16
SA28
54000h–57FFFh
16
SA29
58000h–5BFFFh
16
SA30
5C000h–5FFFFh
16
SA31
SG14
60000h–63FFFh
16
SA32
64000h–67FFFh
16
SA33
68000h–6BFFFh
16
SA34
6C000h–6FFFFh
16
SA35
SG15
70000h–73FFFh
16
SA36
74000h–77FFFh
16
SA37
78000h–7BFFFh
16
SA38
7C000h–7FFFFh
16
SA39
SG16
80000h–83FFFh
16
SA40
84000h–87FFFh
16
SA41
88000h–8BFFFh
16
SA42
8C000h–8FFFFh
16
SA43
SG17
90000h–93FFFh
16
SA44
94000h–97FFFh
16
SA45
98000h–9BFFFh
16
SA46
9C000h–9FFFFh
16
Table 12. Sector Addresses for Ordering Option 00 (Continued)
Sector
Sector Group
x32
Address Range
(A19:A0)
Sector Size
(KDwords)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com