Electronic Components Datasheet Search
  English  ▼

X  

S29CD032G Datasheet(PDF) 55 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 55 Page - SPANSION

Back Button S29CD032G Datasheet HTML 51Page - SPANSION S29CD032G Datasheet HTML 52Page - SPANSION S29CD032G Datasheet HTML 53Page - SPANSION S29CD032G Datasheet HTML 54Page - SPANSION S29CD032G Datasheet HTML 55Page - SPANSION S29CD032G Datasheet HTML 56Page - SPANSION S29CD032G Datasheet HTML 57Page - SPANSION S29CD032G Datasheet HTML 58Page - SPANSION S29CD032G Datasheet HTML 59Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
55
Ad va nc e
In forma t i o n
A 98h query command code is written to 55h address location within the de-
vice’s address space
The device is initially in any valid read state, such as “Read Array” or “Read
ID Data”
Other device statistics may exist within a long sequence of commands or data in-
put; such sequences must first be completed or terminated before writing of the
98H Query command, otherwise invalid Query data structure output may result.
Note that for data bus bits greater than DQ7 (DQ31–DQ8), the valid Query access
code has all zeroes (“0”s) in the upper DQ bus locations. Thus, the 16-bit Query
command code is 0098h and the 32-bit Query command code is 00000098h.
To terminate the CFI operation, it is necessary to execute the Read/Reset
command.
The CFI command is not permitted if the SecSi sector is enabled and Simulta-
neous Read/Write operation is disabled once the command is entered.
See Common Flash Memory Interface (CFI) for the specific CFI command codes.
SecSi Sector Entry Command
The SecSi Sector Entry command enables the SecSi (OTP) sector to overlay the
8 KB outermost sector in the small (25%) bank. The SecSi sector overlays
00000h–0003Fh for the top bootblock configuration and FFF70h–FFFFFh for the
bottom bootblock configuration. Address range 00040h–007FFh for the top boot-
block and FF00h–FFF7Fh return invalid data when addressed with the SecSi
sector enabled. The following commands are permitted after issuing the SecSi
Sector Entry command:
1.
Autoselect
2.
Password Program
3.
Password Verify
4.
Password Unlock
5.
Read/Reset
6.
Program
7.
Chip and Sector Erase
8.
SecSi Sector Protection Bit Program
9.
PPB Program
10.
All PPB Erase
11.
PPB Lock Bit Set
12.
DYB Write
13.
DYB/PPB/PPB Lock Bit Verify
14.
Security Reset
15.
Configuration Register Write
16.
Configuration Register Read
The following commands are unavailable when the SecSi sector is enabled. Issu-
ing the following commands while the SecSi sector is enabled results in the
command being ignored.
1.
Unlock Bypass
2.
CFI
3.
Accelerated Program
4.
Program and Sector Erase Suspend
5.
Program and Sector Erase Resume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com