Electronic Components Datasheet Search
  English  ▼

X  

S29CD032G Datasheet(PDF) 58 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 58 Page - SPANSION

Back Button S29CD032G Datasheet HTML 54Page - SPANSION S29CD032G Datasheet HTML 55Page - SPANSION S29CD032G Datasheet HTML 56Page - SPANSION S29CD032G Datasheet HTML 57Page - SPANSION S29CD032G Datasheet HTML 58Page - SPANSION S29CD032G Datasheet HTML 59Page - SPANSION S29CD032G Datasheet HTML 60Page - SPANSION S29CD032G Datasheet HTML 61Page - SPANSION S29CD032G Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
58
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
Lock Bit. The DYBs are cleared at power-up or hardware reset.Exiting the DYB
Write command is accomplished by writing the Read/Reset command.
The DYB Write command is permitted if the SecSi sector is enabled.
Password Unlock Command
The Password Unlock command is used to clear the PPB Lock Bit so that the PPBs
can be unlocked for modification, thereby allowing the PPBs to become accessible
for modification. The exact password must be entered in order for the unlocking
function to occur. This command cannot be issued any faster than 2 µs at a time
to prevent a hacker from running through the all 64-bit combinations in an at-
tempt to correctly match a password. If the command is issued before the 2 µs
execution window for each portion of the unlock, the command will be ignored.
The Password Unlock function is accomplished by writing Password Unlock com-
mand and data to the device to perform the clearing of the PPB Lock Bit. The
password is 64 bits long, so the user must write the Password Unlock command
2 times for a x32 bit data bus. A0 is used to determine whether the 32 bit data
quantity is used to match the upper 32 bits or lower 32 bits. Writing the Password
Unlock command is address order specific. In other words, for the x32 data bus
configuration, the lower 32 bits of the password are written first and then the
upper 32 bits of the password are written. Writing out of sequence results in the
Password Unlock not returning a match with the password and the PPB Lock Bit
remains set.
Once the Password Unlock command is entered, the RY/BY# pin goes LOW indi-
cating that the device is busy. Also, reading the small bank (25% bank) results
in the DQ6 pin toggling, indicating that the Password Unlock function is in
progress. Reading the large bank (75% bank) returns actual array data. Approx-
imately 1uSec is required for each portion of the unlock. Once the first portion of
the password unlock completes (RY/BY# is not driven and DQ6 does not toggle
when read), the Password Unlock command is issued again, only this time with
the next part of the password. The second Password Unlock command is the final
command before the PPB Lock Bit is cleared (assuming a valid password). As with
the first Password Unlock command, the RY/BY# signal goes LOW and reading
the device results in the DQ6 pin toggling on successive read operations until
complete. It is the responsibility of the microprocessor to keep track of the num-
ber of Password Unlock commands (2 for x32 bus), the order, and when to read
the PPB Lock bit to confirm successful password unlock
The Password Unlock command is permitted if the SecSi sector is enabled.
PPB Program Command
The PPB Program command is used to program, or set, a given PPB. Each PPB is
individually programmed (but is bulk erased with the other PPBs). The specific
sector address (A19–A11) are written at the same time as the program command
60h with A6 = 0. If the PPB Lock Bit is set and the corresponding PPB is set for
the sector, the PPB Program command will not execute and the command will
time-out without programming the PPB.
The host system must determine whether a PPB has been fully programmed by
noting the status of DQ0 in the sixth cycle of the PPB Program command. If DQ0
= 0, the entire six-cycle PPB Program command sequence must be reissued until
DQ0 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com