Electronic Components Datasheet Search
  English  ▼

X  

AD9022 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9022
Description  12-Bit 20 MSPS Monolithic A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9022 Datasheet(HTML) 4 Page - Analog Devices

  AD9022 Datasheet HTML 1Page - Analog Devices AD9022 Datasheet HTML 2Page - Analog Devices AD9022 Datasheet HTML 3Page - Analog Devices AD9022 Datasheet HTML 4Page - Analog Devices AD9022 Datasheet HTML 5Page - Analog Devices AD9022 Datasheet HTML 6Page - Analog Devices AD9022 Datasheet HTML 7Page - Analog Devices AD9022 Datasheet HTML 8Page - Analog Devices AD9022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
AD9022
REV. B
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample tested only.
IV – Parameter is guaranteed by design and characterization
testing.
V – Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; guaranteed by design and character-
ization testing for industrial devices.
DIE LAYOUT AND MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . 205
× 228 × 21 (±1) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
× 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –VS
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4,080
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Bond Wire . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1–3
D3–D1
Digital output bits of ADC; TTL
compatible.
4
D0 (LSB)
Least significant bit of ADC output;
TTL compatible.
5
NC
No Connection Internally
6+VS
+5 V Power Supply
7
GND
Ground
8
ENCODE
Encode clock input to ADC. Internal
T/H is placed in hold mode (ADC is
encoding) on rising edge of encode
signal.
9
GND
Ground
10
+VS
+5 V Power Supply
11
GND
Ground
12
AIN
Noninverting input to T/H amplifier.
13
–VS
–5.2 V Power Supply
14
+VS
+5 V Power Supply
15
–VS
–5.2 V Power Supply
16
GND
Ground
17
COMP
Should be connected to –VS through
0.1
µF capacitor.
18
D11 (MSB) Most significant bit of ADC output;
TTL compatible.
19–25
D10–D4
Digital output bits of ADC; TTL
compatible.
26
+VS
+5 V Power Supply
27
–VS
–5.2 V Power Supply
28
GND
Ground
PIN DESIGNATIONS
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9022
NC = NO CONNECT
COMPENSATION (PIN 17) SHOULD BE
CONNECTED TO –VS THROUGH 0.01 F
+VS
–VS
AIN
GND
+VS
GND
ENCODE
D3
D2
D1
D0 (LSB)
GND
+VS
NC
–VS
GND
COMP
D11(MSB)
D10
D9
D8
GND
–VS
+VS
D4
D7
D6
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com