Electronic Components Datasheet Search
  English  ▼

X  

AD9022 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9022
Description  12-Bit 20 MSPS Monolithic A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9022 Datasheet(HTML) 5 Page - Analog Devices

  AD9022 Datasheet HTML 1Page - Analog Devices AD9022 Datasheet HTML 2Page - Analog Devices AD9022 Datasheet HTML 3Page - Analog Devices AD9022 Datasheet HTML 4Page - Analog Devices AD9022 Datasheet HTML 5Page - Analog Devices AD9022 Datasheet HTML 6Page - Analog Devices AD9022 Datasheet HTML 7Page - Analog Devices AD9022 Datasheet HTML 8Page - Analog Devices AD9022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9022
REV. B
–5–
DEFINITIONS OF SPECIFICATIONS
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the rising edge of the ENCODE command
and the instant at which the analog input is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Differential Nonlinearity
The deviation of any code from an ideal 1 LSB step.
Harmonic Distortion
The rms value of the fundamental divided by the rms value of
the worst harmonic component.
Integral Nonlinearity
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a “best straight line” de-
termined by a least square curve fit.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal
frequency tested drops by no more than 3 dB below the guaran-
teed limit.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Output Propagation Delay
The delay between the 50% point of the rising edge of the EN-
CODE command and the time when all output data bits are
within valid logic levels.
Overvoltage Recovery Time
The amount of time required for the converter to recover to
12-bit accuracy after an analog input signal 150% of full scale is
reduced to the full-scale range of the converter.
Power Supply Rejection Ratio (PSRR)
The ratio of a change in input offset voltage to a change in
power supply voltage.
Signal-to-Noise Ratio (SNR)
The ratio of the rms signal amplitude to the rms value of
“noise,” which is defined as the sum of all other spectral compo-
nents, including harmonics but excluding dc, with an analog
input signal 1 dB below full scale.
Signal-to-Noise Ratio (Without Harmonics)
The ratio of the rms signal amplitude to the rms value of
“noise,” which is defined as the sum of all other spectral compo-
nents, excluding the first five harmonics and dc, with an analog
input signal 1 dB below full scale.
Transient Response
The time required for the converter to achieve 12-bit accuracy
when a step function is applied to the analog input.
Two-Tone Intermodulation Distortion (IMD) Rejection
The ratio of the power of either of two input signals to the
power of the strongest third-order IMD signal.
ANALOG
INPUT
–VS
+VS
+VS
180
120
10pF
Encode Input
11k
12k
–VS
DIGITAL
OUTPUT
+VS
Analog Input
Output Stage
–VS
100
900
+VS
ENCODE
Compensation
20pF
50
COMPENSATION
–VS
–VS
Figure 1. Equivalent Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com