Electronic Components Datasheet Search
  English  ▼

X  

AD9022 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9022
Description  12-Bit 20 MSPS Monolithic A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9022 Datasheet(HTML) 2 Page - Analog Devices

  AD9022 Datasheet HTML 1Page - Analog Devices AD9022 Datasheet HTML 2Page - Analog Devices AD9022 Datasheet HTML 3Page - Analog Devices AD9022 Datasheet HTML 4Page - Analog Devices AD9022 Datasheet HTML 5Page - Analog Devices AD9022 Datasheet HTML 6Page - Analog Devices AD9022 Datasheet HTML 7Page - Analog Devices AD9022 Datasheet HTML 8Page - Analog Devices AD9022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD9022–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Test
AD9022AQ/AZ
AD9022BQ/BZ
AD9022SQ/SZ
Parameter (Conditions)
Temp
Level
Min Typ
Max
Min Typ
Max
Min Typ
Max
Units
RESOLUTION
12
12
12
Bits
DC ACCURACY
Differential Nonlinearity
+25
°C
I
0.6
0.75
0.4
0.5
0.6
0.75
LSB
Full
VI
1.0
1.0
1.0
LSB
Integral Nonlinearity
+25
°C
I
1.3
2.5
1.3
2.0
1.3
2.5
LSB
Full
VI
1.6
3.0
1.6
3.0
1.6
3.0
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Guaranteed
Offset Error
+25
°C
I
525
5
25
525
mV
Full
VI
15
35
15
35
15
35
mV
Gain Error
+25
°C
I
0.5
2.5
0.5
2.5
0.5
2.5
% FS
Full
VI
0.6
3.5
0.6
3.5
0.6
3.5
% FS
Thermal Noise
+25
°C
V
0.57
0.57
0.57
LSB, rms
ANALOG INPUT
Input Voltage Range
±1.024
±1.024
±1.024
V
Input Resistance
Full
IV
240
300
360
240
300
360
240
300
360
Ω
Input Capacitance
+25
°CV
5
5
5
pF
Analog Bandwidth
+25
°C
V
110
110
110
MHz
SWITCHING PERFORMANCE
1
Minimum Conversion Rate
+25
°C
IV
4
4
4
MSPS
Maximum Conversion Rate
Full
VI
20
20
20
MSPS
Aperture Delay (tA)
+25
°C
IV
0.55 0.71 0.85
0.55 0.71 0.85
0.55 0.71 0.85
ns
Aperture Uncertainty (Jitter)
+25
°C
V
6
6
6
ps, rms
Output Delay (tOD)
Full
VI
15
27.5
15
27.5
15
27.5
ns
ENCODE INPUT
Logic Compatibility
TTL
TTL
TTL
Logic “1” Voltage
Full
VI
2.0
2.0
2.0
V
Logic “0” Voltage
Full
VI
0.8
0.8
0.8
V
Logic “1” Current
Full
VI
8
20
8
20
8
20
µA
Logic “0” Current
Full
VI
8
20
8
20
8
20
µA
Input Capacitance
+25
°CV
6
6
6
pF
Pulsewidth (High)
+25
°C
IV
22.5
125
22.5
125
22.5
125
ns
Pulsewidth (Low)
+25
°C
IV
20
125
20
125
20
125
ns
DYNAMIC PERFORMANCE
Transient Response
+25
°C
V
20
20
20
ns
Overvoltage Recovery Time
+25
°C
V
20
20
20
ns
Harmonic Distortion
Analog Input @ 1.2 MHz
+25
°C
I
65
73
70
75
65
73
dBc
@ 1.2 MHz
Full
V
70
72
70
dBc
@ 4.3 MHz
+25
°C
V
73
75
73
dBc
@ 9.6 MHz
+25
°C
I
63
72
69
74
63
72
dBc
@ 9.6 MHz
Full
V
68
72
68
dBc
Signal-to-Noise Ratio
2
Analog Input @ 1.2 MHz
+25
°C
I
62
64
64
66
62
64
dB
@ 1.2 MHz
Full
V
63
65
63
dB
@ 4.3 MHz
+25
°C
V
64
66
64
dB
@ 9.6 MHz
+25
°C
I
61
63
63
65
61
63
dB
@ 9.6 MHz
Full
V
62
63
62
dB
Signal-to-Noise Ratio
2
(Without Harmonics)
Analog Input @ 1.2 MHz
+25
°C
I
63
66
65
67
63
66
dB
@ 1.2 MHz
Full
V
64
66
64
dB
@ 4.3 MHz
+25
°C
V
66
66
66
dB
@ 9.6 MHz
+25
°C
I
62
65
64
66
62
65
dB
@ 9.6 MHz
Full
V
63
65
63
dB
(+VS = +5 V; –VS = –5.2 V; Encode = 20 MSPS, unless otherwise noted)
–2–
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com