Electronic Components Datasheet Search
  English  ▼

X  

AD9022 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9022
Description  12-Bit 20 MSPS Monolithic A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9022 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9022 Datasheet HTML 4Page - Analog Devices AD9022 Datasheet HTML 5Page - Analog Devices AD9022 Datasheet HTML 6Page - Analog Devices AD9022 Datasheet HTML 7Page - Analog Devices AD9022 Datasheet HTML 8Page - Analog Devices AD9022 Datasheet HTML 9Page - Analog Devices AD9022 Datasheet HTML 10Page - Analog Devices AD9022 Datasheet HTML 11Page - Analog Devices AD9022 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD9022
REV. B
–9–
USING THE AD9022
Layout Information
Preserving the accuracy and dynamic performance of the
AD9022 requires that designers pay special attention to the
layout of the printed circuit board.
Analog paths should be kept as short as possible and be properly
terminated to avoid reflections. The analog input connection
should be kept away from digital signal paths; this reduces the
amount of digital switching noise, which is capacitively coupled
into the analog section. Digital signal paths should also be kept
short, and run lengths should be matched to avoid propagation
delay mismatch. The AD9022 digital outputs should be buff-
ered or latched close to the device (<2 cm). This prevents load
transients that may feed back into the device.
In high speed circuits, layout of the ground is critical. A single,
low impedance ground plane on the component side of the
board is recommended. Power supplies should be capacitively
coupled to the ground plane with high quality 0.1
µF chip ca-
pacitors to reduce noise in the circuit. All power pins of the
AD9022 should be bypassed individually. The compensation
pin (COMP Pin 17) should be bypassed directly to the –VS
supply (Pin 15) as close to the part as possible using a 0.1
µF
chip capacitor.
Multilayer boards allow designers to lay out signal traces with-
out interrupting the ground plane, and provide low impedance
ground planes. In systems with dedicated analog and digital
grounds, all grounds for the AD9022 should be connected to
the analog ground plane.
In systems using multilayer boards, dedicated power planes are
recommended to provide low impedance connections for device
power. Sockets limit dynamic performance and are not recom-
mended for use with the AD9022.
Timing
Conversion by the AD9022 is initiated by the rising edge of the
ENCODE clock (Pin 8). All required timing is generated inter-
nal to the ADC. Care should be taken to ensure that the encode
clock to the AD9022 is free from jitter that can degrade dy-
namic performance. The clock driver should be compatible with
TTL LS logic series devices. Drivers with excessive slew rate or
overdrive will degrade the dynamic performance of the AD9022.
Pulsewidth of the ADC encode clock must be controlled to
ensure the best possible performance. Dynamic performance is
guaranteed with a clock pulse HIGH minimum of 25 ns. Opera-
tion with narrower pulses will degrade SNR and dynamic per-
formance. From a system perspective, this is generally not a
problem, because a simple inverter can be used to generate a
suitable clock if the system clock is less than 25 ns wide.
The AD9022 provides latched data outputs. Data outputs are
available two pipeline delays and one propagation delay after the
rising edge of the encode clock (refer to the AD9022 Timing
Diagram). The length of the output data lines and the loads
placed on them should be minimized to reduce transients within
the AD9022; these transients can detract from the converter’s
dynamic performance.
Operation at encode rates less than 4 MSPS is not recom-
mended. The internal track-and-hold saturates, causing errone-
ous conversions. This T/H saturation precludes clocking the
AD9022 in a burst mode.
The duty cycle of the encode clock for the AD9022 is critical for
obtaining rated performance of the ADC. Internal pulsewidths
within the track-and-hold are established by the encode com-
mand pulsewidth; to ensure rated performance, minimum and
maximum pulsewidth restrictions should be observed. Operation at
20 MSPS is optimized when the duty cycle is held at 55%.
Analog Input
The analog input (Pin 12) voltage range is nominally
±1.024
volts. The range is set with an internal voltage reference and
cannot be adjusted by the user. The input resistance is 300
Ω
and the analog bandwidth is 110 MHz, making the AD9022
useful in undersampling applications.
The AD9022 should be driven from a low impedance source.
The noise and distortion of the amplifier should be considered
to preserve the dynamic range of the AD9022.
Power Supplies
The power supplies of the AD9022 should be isolated from the
supplies used for noisy devices (digital logic especially) to re-
duce the amount of noise coupled into the ADC. For optimum
performance, linear supplies ensure that switching noise from
the supplies does not introduce distortion products during
the encoding process. If switching supplies must be used,
decoupling recommendations above are critically important.
The PSRR of the AD9022 is a function of the ripple frequency
present on the supplies. Clearly, power supplies with the lowest
possible frequency should be selected.
AD9022 EVALUATION BOARD
The evaluation board for the AD9022 (AD9022/PCB) provides
an easy and flexible method for evaluating the ADC’s perfor-
mance without (or prior to) developing a user-specific printed
circuit board. The two-sided board includes a reconstruction
DAC and digital output interface, and uses the layout and appli-
cations suggestions outlined above. It is available at nominal
cost from Analog Devices, Inc.
Input/Output/Supply Information
Power supply, analog input, clock connections and recon-
structed output (RC OUTPUT) are identified by labels on the
evaluation board.
Operation of the evaluation board will conform to the following
characteristics:
Parameter
Typical
Units
Supply Current
+5 V
150
mA
–5 V
300
mA
AIN
Impedance
51
Ω
Voltage Range
±1.024
V
CLOCK
Impedance
51
Ω
Frequency
20
MSPS
RC OUTPUT
Impedance
51
Ω
Voltage Range
0 to –1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com