Electronic Components Datasheet Search
  English  ▼

X  

AD8092ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8092ARM
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8092ARM Datasheet HTML 4Page - Analog Devices AD8092ARM Datasheet HTML 5Page - Analog Devices AD8092ARM Datasheet HTML 6Page - Analog Devices AD8092ARM Datasheet HTML 7Page - Analog Devices AD8092ARM Datasheet HTML 8Page - Analog Devices AD8092ARM Datasheet HTML 9Page - Analog Devices AD8092ARM Datasheet HTML 10Page - Analog Devices AD8092ARM Datasheet HTML 11Page - Analog Devices AD8092ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8091/AD8092
–8–
REV. A
FUNDAMENTAL FREQUENCY – MHz
12
3
4
5
67
8
9 10
20
30
110
70
80
90
100
50
60
40
VO = 2V p-p
VS = +3V, G = 1
RF = 2k , RL = 100
VS = +5V, G = +2
RF = 2k , RL = 100
VS = +5V, G = +1
RL = 100
VS = +5V, G = +2
RF = 2k , RL = 2k
VS = +5V, G = +1
RL = 2k
TPC 7. Total Harmonic Distortion
OUTPUT VOLTAGE – V p-p
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
30
40
120
80
90
100
110
60
70
50
130
VS = +5V
RL = 2k
G = +2
1MHz
5MHz
10MHz
0
TPC 8. Worst Harmonic vs. Output Voltage
FREQUENCY – MHz
4.5
0
50
0.1
1
10
3.0
1.5
1.0
0.5
4.0
3.5
2.0
2.5
5.0
VS = +5V
G = –1
RF = 2k
RL = 2k
TPC 9. Low Distortion Rail-to-Rail Output Swing
0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.10
0
100
50
10
60
20
70
30
80
40
90
MODULATING RAMP LEVEL – IRE
0.10
0.06
0
100
50
0.08
0.06
0.04
0.02
0.00
0.02
0.04
10
60
20
70
30
80
40
90
NTSC SUBSCRIBER (3.58MHz)
VS = +5, G = +2
RF = 2k , RL AS SHOWN
VS = +5, G = +2
RF = 2k , RL AS SHOWN
RL = 150
RL = 1k
RL = 1k
RL = 150
TPC 10. Differential Gain and Phase Errors
1000
100
1
10
10M
100
1k
10k
100k
1M
10
VS = +5V
FREQUENCY – Hz
TPC 11. Input Voltage Noise vs. Frequency
100
10
0.1
10
10M
100
1k
10k
100k
1M
1
VS = +5V
FREQUENCY – Hz
TPC 12. Input Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com