Electronic Components Datasheet Search
  English  ▼

X  

AD8092ARM Datasheet(PDF) 12 Page - Analog Devices

Part # AD8092ARM
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092ARM Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8092ARM Datasheet HTML 8Page - Analog Devices AD8092ARM Datasheet HTML 9Page - Analog Devices AD8092ARM Datasheet HTML 10Page - Analog Devices AD8092ARM Datasheet HTML 11Page - Analog Devices AD8092ARM Datasheet HTML 12Page - Analog Devices AD8092ARM Datasheet HTML 13Page - Analog Devices AD8092ARM Datasheet HTML 14Page - Analog Devices AD8092ARM Datasheet HTML 15Page - Analog Devices AD8092ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8091/AD8092
–12–
REV. A
As the closed-loop gain is increased, the larger phase margin allows
for large capacitor loads with less peaking. Adding a low value resis-
tor in series with the load at lower gains has the same effect. Figure 4
shows the effect of a series resistor for various voltage gains. For
large capacitive loads, the frequency response of the amplifier
will be dominated by the series resistor and capacitive load.
RG
RF
CL
RS
VOUT
VIN
100mV STEP
50
RS = 3
RS = 0
10000
1000
1
16
2
345
100
10
ACL – V/V
VS = 5V
30%
OVERSHOOT
Figure 4. Capacitive Load Drive vs. Closed-Loop Gain
Overdrive Recovery
Overdrive of an amplifier occurs when the output and/or input
range are exceeded. The amplifier must recover from this over-
drive condition. As shown in Figure 5, the AD8091/AD8092
recovers within 60 ns from negative overdrive and within 45 ns
from positive overdrive.
Figure 5. Overdrive Recovery
Active Filters
Active filters at higher frequencies require wider bandwidth op amps
to work effectively. Excessive phase shift produced by lower
frequency op amps can significantly impact active filter perfor-
mance.
Figure 6 shows an example of a 2 MHz biquad bandwidth filter
that uses three op amps. Such circuits are sometimes used in
medical ultrasound systems to lower the noise bandwidth of the
analog signal before A/D conversion. Please note that the
unused amplifiers’ inputs should be tied to ground.
2
1
R1
3k
VIN
R2
2k
C1
50pF
R3
2k
6
5
7
R6
1k
R5
2k
2
3
6
AD8092
AD8091
C2
50pF
VOUT
R4
2k
3
AD8092
Figure 6. 2 MHz Biquad Band-Pass Filter
The frequency response of the circuit is shown in Figure 7.
FREQUENCY – Hz
10k
100M
100k
1M
10M
0
10
20
30
40
Figure 7. Frequency Response of 2 MHz Band-Pass
Biquad Filter
Sync Stripper
Synchronizing pulses are sometimes carried on video signals so as
not to require a separate channel to carry the synchronizing infor-
mation. However, for some functions, such as A/D conversion, it
is not desirable to have the sync pulses on the video signal. These



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com