Electronic Components Datasheet Search
  English  ▼

X  

AD8092ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8092ARM
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8092ARM Datasheet HTML 6Page - Analog Devices AD8092ARM Datasheet HTML 7Page - Analog Devices AD8092ARM Datasheet HTML 8Page - Analog Devices AD8092ARM Datasheet HTML 9Page - Analog Devices AD8092ARM Datasheet HTML 10Page - Analog Devices AD8092ARM Datasheet HTML 11Page - Analog Devices AD8092ARM Datasheet HTML 12Page - Analog Devices AD8092ARM Datasheet HTML 13Page - Analog Devices AD8092ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8091/AD8092
–10–
REV. A
100
90
60
05
0.5
1.0
1.5
2.5
3.5
4
4.5
80
70
RL = 2k
RL = 150
VS = +5V
OUTPUT VOLTAGE – V
2.5
3.0
TPC 19. Open-Loop Gain vs. Output Voltage
1.50V
TPC 20. 100 mV Step Response; G = +1
20ns
2.50V
2.60V
2.40V
TPC 21. 200 mV Step Response; VS = +5 V, G = +1
3.5V
2.5V
1.5V
TPC 22. Large Signal Step Response; VS = +5 V, G = +2
5V
2.5V
TPC 23. Output Swing; G = –1, RL = 2 k
Ω
4V
3V
2V
1V
1V
2V
3V
4V
TPC 24. Large Signal Step Response; VS =
±5 V, G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com