Electronic Components Datasheet Search
  English  ▼

X  

AD8092ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD8092ARM
Description  Low-Cost, High-Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8092ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8092ARM Datasheet HTML 8Page - Analog Devices AD8092ARM Datasheet HTML 9Page - Analog Devices AD8092ARM Datasheet HTML 10Page - Analog Devices AD8092ARM Datasheet HTML 11Page - Analog Devices AD8092ARM Datasheet HTML 12Page - Analog Devices AD8092ARM Datasheet HTML 13Page - Analog Devices AD8092ARM Datasheet HTML 14Page - Analog Devices AD8092ARM Datasheet HTML 15Page - Analog Devices AD8092ARM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8091/AD8092
–14–
REV. A
Dimensions shown in mm and (inches)
8-Lead SOIC
(R-8)
0.25 (0.0098)
0.19 (0.0075)
1.27 (0.0500)
0.41 (0.0160)
0.50 (0.0196)
0.25 (0.0099)
45
8
0
2.59 (0.102)
2.39 (0.094)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
0.49 (0.0192)
0.35 (0.0138)
85
4
1
5.00 (0.1968)
4.80 (0.1890)
PIN 1
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE
ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE
FOR USE IN DESIGN
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm)
8-Lead
SOIC
(RM-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
0.199 (5.05)
0.187 (4.75)
PIN 1
0.0256 (0.65) BSC
0.122 (3.10)
0.114 (2.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.018 (0.46)
0.008 (0.20)
0.043 (1.09)
0.037 (0.94)
0.120 (3.05)
0.112 (2.84)
0.011 (0.28)
0.003 (0.08)
0.028 (0.71)
0.016 (0.41)
33
°
27
°
0.120 (3.05)
0.112 (2.84)
Dimensions shown in mm and (inches)
5-Lead Plastic Surface Mount
(RT-5)
3.10 (0.122)
2.70 (0.106)
PIN 1
1.80 (0.071)
1.50 (0.059)
3.00 (0.118)
2.50 (0.098)
1
3
4
5
1.90 (0.075)
REF
0.95 (0.037) REF
2
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
10
0
0.50 (0.020)
0.30 (0.012)
0.15 (0.059)
0.00 (0.000)
1.30 (0.051)
0.90 (0.035)
SEATING
PLANE
1.45 (0.057)
0.90 (0.035)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE
ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR
USE IN DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com